Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA710GQ-P Datasheet (PDF) - Monolithic Power Systems

MA710GQ-P Datasheet PDF - Monolithic Power Systems
Part # MA710GQ-P
Download  MA710GQ-P Download
File Size   1199.2 Kbytes
Page   27 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 12-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs

MA710GQ-P Datasheet (PDF)

Go To PDF Page Download Datasheet
MA710GQ-P Datasheet PDF - Monolithic Power Systems

Part # MA710GQ-P
Download  MA710GQ-P Click to download

File Size   1199.2 Kbytes
Page   27 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 12-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs

MA710GQ-P Datasheet (HTML) - Monolithic Power Systems


MA710GQ-P Product details

DESCRIPTION
The MA710 detects the absolute angular position of a permanent magnet, typically a diametrically magnetized cylinder on a rotating shaft. Fast data acquisition and processing provide accurate angle measurement at speeds from 0 to 60,000 rpm.
The MA710 is particularly suitable for low magnetic field applications: side-shaft configuration or the use of non-rare earth magnets.
The MA710 features magnetic field strength detection with programmable thresholds to allow sensing of the magnet position relative to the sensor for creation of functions such as the sensing of axial movements or for diagnostics.
On-chip non-volatile memory provides storage for configuration parameters, including the reference zero angle position, ABZ encoder settings, and magnetic field detection thresholds.

FEATURES
 12-Bit Resolution Absolute Angle Encoder
 15mT Minimum Magnetic Field
 Contactless Sensing for Long Life
 SPI Serial Interface for Digital Angle Readout and Chip Configuration
 Incremental 10-Bit ABZ Quadrature Encoder Interface with Programmable Pulses Per Turn from 1-256
 PWM Output 12-Bit
 Programmable Magnetic Field Strength Detection for Diagnostic Checks
 3.3V, 12mA Supply
 -40°C to +125°C Operating Temperature
 Available in a QFN-16 (3mmx3mm) Package

APPLICATIONS
 General Purpose Angle Measurement
 Angle Encoders
 Automotive Angle or Speed Sensors
 Robotics




Similar Part No. - MA710GQ-P

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MA710 MPS-MA710 Datasheet
1Mb / 17P
MagAlpha Communication Kit
MA710 MPS-MA710 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
MA710 MPS-MA710 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
logo
Taoglas antenna solutio...
MA710.A.ABI.001 TAOGLAS-MA710.A.ABI.001 Datasheet
4Mb / 21P
IP67 Waterproof
MA710.A.ABI.001 TAOGLAS-MA710.A.ABI.001 Datasheet
1Mb / 20P
Pantheon Antenna 3in1 MA.710 Screw-Mount
More results


Similar Description - MA710GQ-P

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9706 HAMAMATSU-S9706 Datasheet
76Kb / 3P
Digital color sensor 12-bit digital output
logo
ams AG
AS5600 AMSCO-AS5600 Datasheet
708Kb / 42P
12-bit Programmable Contactless Potentiometer
AS5601 AMSCO-AS5601 Datasheet
629Kb / 43P
12-bit Programmable Contactless Encoder
logo
ASM GmbH
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
Magnetic Angle Sensor with Incremental Output
logo
Analog Devices
ADT75 AD-ADT75_17 Datasheet
392Kb / 25P
12-Bit Digital Temperature Sensor
Rev. B
ADT7408 AD-ADT7408_17 Datasheet
561Kb / 23P
12-Bit Digital Temperature Sensor
Rev. A
logo
Monolithic Power System...
MA704 MPS-MA704 Datasheet
1Mb / 27P
10-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
logo
ams AG
AS5601 AMSCO-AS5601_V01 Datasheet
964Kb / 44P
12-Bit Programmable Contactless Encoder
2016-Sep-09
logo
OSRAM GmbH
AS5600 OSRAM-AS5600 Datasheet
1Mb / 44P
12-Bit Programmable Contactless Potentiometer
2018-Jun-20
logo
MPS Industries, Inc.
MAQ430 MPSIND-MAQ430 Datasheet
1Mb / 30P
12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
Rev. 1.2 8/8/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com