Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1351 Datasheet (PDF) - Texas Instruments

AMC1351 Datasheet PDF - Texas Instruments
Part # AMC1351
Download  AMC1351 Download
File Size   1705.94 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier

AMC1351 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC1351 Datasheet PDF - Texas Instruments

Part # AMC1351
Download  AMC1351 Click to download

File Size   1705.94 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier

AMC1351 Datasheet (HTML) - Texas Instruments


AMC1351 Product details

1 Features
• Linear input voltage range: –0.25 V to 5 V
• High input impedance: 1.25 MΩ (typ)
• Fixed gain: 0.4 V/V
• Low DC errors:
– Offset error ±1.5 mV (max)
– Offset drift: ±15 μV/°C (max)
– Gain error: ±0.2% (max)
– Gain drift: ±35 ppm/°C (max)
– Nonlinearity ±0.02% (max)
• Operation on high-side and low-side: 3.3 V or 5 V
• High CMTI: 100 kV/μs (min)
• Fail-safe output
• Safety-related certifications:
– 7070-VPK reinforced isolation per DIN VDE V
0884-11: 2017-01
– 5000-VRMS isolation for 1 minute per UL1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C

2 Applications
• Isolated DC voltage sensing in:
– Motor drives
– Frequency inverters
– Solar inverters
– Power supplies

3 Description
The AMC1351 is a precision, isolated amplifier
with an output separated from the input circuitry
by an isolation barrier that is highly resistant to
magnetic interference. This barrier is certified to
provide reinforced galvanic isolation of up to 5 kVRMS
according to VDE V 0884-11 and UL1577, and
supports a working voltage of up to 1.5 kVRMS.
The isolation barrier separates parts of the system
that operate on different common-mode voltage levels
and protects the low-voltage side from potentially
harmful voltages and damage.
The high-impedance input of the AMC1351 is
optimized for connection to high-impedance resistive
dividers or other voltage signal sources with high
output resistance. The excellent accuracy and low
temperature drift supports accurate DC voltage
sensing in DC/DC converters, frequency inverters,
motor-drive, or other applications over the extended
industrial temperature range from –40°C to +125°C.




Similar Part No. - AMC1351

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1351 TI-AMC1351 Datasheet
2Mb / 36P
AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1351 TI-AMC1351 Datasheet
2Mb / 36P
AMC1351-Q1 Automotive, Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1351-Q1 TI-AMC1351-Q1 Datasheet
2Mb / 36P
AMC1351-Q1 Automotive, Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1351DWV TI-AMC1351DWV Datasheet
2Mb / 36P
AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1351DWVR TI-AMC1351DWVR Datasheet
2Mb / 36P
AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
More results


Similar Description - AMC1351

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1301-Q1 TI1-AMC1301-Q1 Datasheet
1Mb / 34P
Precision, 250-mV Input, Delay, Reinforced Isolated Amplifier
AMC1301 TI1-AMC1301_18 Datasheet
1Mb / 35P
Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC3302 TI-AMC3302 Datasheet
955Kb / 24P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
AMC1350 TI-AMC1350 Datasheet
1Mb / 28P
AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
SBASAA6 ??AUGUST 2021
AMC1351 TI-AMC1351 Datasheet
2Mb / 36P
AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350_V01 Datasheet
2Mb / 37P
AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350-Q1 TI-AMC1350-Q1 Datasheet
2Mb / 37P
AMC1350-Q1 Automotive, Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1351-Q1 TI-AMC1351-Q1 Datasheet
2Mb / 36P
AMC1351-Q1 Automotive, Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com