Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1351 Datasheet(PDF) 4 Page - Texas Instruments

Part # AMC1351
Description  AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1351 Datasheet(HTML) 4 Page - Texas Instruments

  AMC1351 Datasheet HTML 1Page - Texas Instruments AMC1351 Datasheet HTML 2Page - Texas Instruments AMC1351 Datasheet HTML 3Page - Texas Instruments AMC1351 Datasheet HTML 4Page - Texas Instruments AMC1351 Datasheet HTML 5Page - Texas Instruments AMC1351 Datasheet HTML 6Page - Texas Instruments AMC1351 Datasheet HTML 7Page - Texas Instruments AMC1351 Datasheet HTML 8Page - Texas Instruments AMC1351 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
see(1)
MIN
MAX
UNIT
Power-supply voltage
High-side VDD1 to GND1
–0.3
6.5
V
Low-side VDD2 to GND2
–0.3
6.5
Analog input voltage
IN
–1
15
V
Analog output voltage
OUTP, OUTN
GND2 – 0.5
VDD2 + 0.5
V
Input current
Continuous, any pin except power-supply pins
–10
10
mA
Temperature
Junction, TJ
150
°C
Storage, Tstg
–65
150
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
VDD1
High-side power-supply
VDD1 to GND1
3
5
5.5
V
VDD2
Low-side power-supply
VDD2 to GND2
3
3.3
5.5
V
ANALOG INPUT
VClipping
Input voltage before clipping output
6.25
V
VFSR
Specified linear full-scale voltage
–0.25
5
V
ANALOG OUTPUT
CLOAD
Capacitive load
On OUTP or OUTN to GND2
500
pF
OUTP to OUTN
250
RLOAD
Resistive load
On OUTP or OUTN to GND2
10
1
kΩ
TEMPERATURE RANGE
TA
Operating ambient temperature
–55
125
°C
Specified ambient temperature
–40
125
AMC1351
SBASAA8 – DECEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC1351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com