Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1351 Datasheet(PDF) 13 Page - Texas Instruments

Part # AMC1351
Description  AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1351 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC1351 Datasheet HTML 9Page - Texas Instruments AMC1351 Datasheet HTML 10Page - Texas Instruments AMC1351 Datasheet HTML 11Page - Texas Instruments AMC1351 Datasheet HTML 12Page - Texas Instruments AMC1351 Datasheet HTML 13Page - Texas Instruments AMC1351 Datasheet HTML 14Page - Texas Instruments AMC1351 Datasheet HTML 15Page - Texas Instruments AMC1351 Datasheet HTML 16Page - Texas Instruments AMC1351 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
6.13 Typical Characteristics (continued)
at VDD1 = 5 V, VDD2 = 3.3 V, IN = 0 V to 5 V, and fIN = 10 kHz (unless otherwise noted)
VDD1 (V)
3
3.5
4
4.5
5
5.5
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
D020
Device 1
Device 2
Device 3
Figure 6-11. Gain Error vs High-Side Supply Voltage
VDD2 (V)
3
3.5
4
4.5
5
5.5
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
D020b
Device 1
Device 2
Device 3
Figure 6-12. Gain Error vs Low-Side Supply Voltage
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
D021
Device 1
Device 2
Device 3
Figure 6-13. Gain Error vs Temperature
VIN (V)
-1
0
1
2
3
4
5
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
D028
Figure 6-14. Nonlinearity vs Input Voltage
VDD1 (V)
3
3.5
4
4.5
5
5.5
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
D029
Device 1
Device 2
Device 3
Figure 6-15. Nonlinearity vs High-Side Supply Voltage
VDD2 (V)
3
3.5
4
4.5
5
5.5
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
D029b
Device 1
Device 2
Device 3
Figure 6-16. Nonlinearity vs Low-Side Supply Voltage
www.ti.com
AMC1351
SBASAA8 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC1351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com