Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3330 Datasheet (PDF) - Texas Instruments

AMC3330 Datasheet PDF - Texas Instruments
Part # AMC3330
Download  AMC3330 Download
File Size   1516.45 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC3330 Precision, ±1V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter

AMC3330 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC3330 Datasheet PDF - Texas Instruments

Part # AMC3330
Download  AMC3330 Click to download

File Size   1516.45 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC3330 Precision, ±1V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter

AMC3330 Datasheet (HTML) - Texas Instruments


AMC3330 Product details

1 Features
• 3.3V or 5V single supply operation with integrated
DC/DC converter
• ±1V input voltage range optimized for voltage
measurements with high input impedance
• Fixed gain: 2.0
• Low DC errors:
– Gain error: ±0.2% (max)
– Gain drift: ±45ppm/°C (max)
– Offset error: ±0.3mV (max)
– Offset drift: ±4μV/°C (max)
– Nonlinearity: ±0.02% (max)
• High CMTI: 85kV/μs (min)
• System-level diagnostic features
• Safety-related certifications:
– 6000VPK reinforced isolation per DIN EN IEC
60747-17 (VDE 0884-17)
– 4250VRMS isolation for 1 minute per UL1577
• Meets CISPR-11 and CISPR-25 EMI standards

2 Applications
• Isolated voltage sensing in:
– Motor drives
– Photovoltaic inverters
– Power delivery systems
– EV charging infrastructure
– Battery energy storage systems

3 Description
The AMC3330 is a precision, isolated amplifier with
a fully integrated, isolated DC/DC converter that
allows single-supply operation from the low-side of
the device. The reinforced capacitive isolation barrier
is certified according to DIN EN IEC 60747-17 (VDE
0884-17) and UL1577 and separates sections of
the system that operate on different common-mode
voltage levels and protects low-voltage domains from
damage.
The input of the AMC3330 is optimized for
direct connection to high-impedance, voltage-signal
sources such as a resistor-divider network to
sense high-voltage signals. The integrated isolated
DC/DC converter allows measurement of non-groundreferenced
signals and makes the device a unique
solution for noisy, space-constrained applications.
The excellent performance of the device supports
accurate voltage monitoring and control. The
integrated DC/DC converter fault-detection and
diagnostic output pin of the AMC3330 simplify
system-level design and diagnostics.
The AMC3330 is specified over the temperature
range of –40°C to +125°C.




Similar Part No. - AMC3330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3330 TI-AMC3330 Datasheet
1Mb / 36P
AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI1-AMC3330-Q1 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI-AMC3330-Q1 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI-AMC3330-Q1 Datasheet
1Mb / 36P
AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI-AMC3330-Q1_V01 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
More results


Similar Description - AMC3330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3301 TI1-AMC3301 Datasheet
592Kb / 23P
AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI1-AMC3330-Q1 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3301-Q1 TI-AMC3301-Q1 Datasheet
1Mb / 37P
AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI-AMC3330-Q1_V01 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330 TI-AMC3330 Datasheet
1Mb / 36P
AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302 TI-AMC3302_V01 Datasheet
956Kb / 25P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302-Q1 TI-AMC3302-Q1 Datasheet
2Mb / 37P
AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3311-Q1 TI-AMC3311-Q1 Datasheet
1Mb / 27P
AMC3311-Q1 Automotive, Precision, ±1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
JUNE 2023
AMC3311-Q1 TI-AMC3311-Q1_V01 Datasheet
1Mb / 36P
AMC3311-Q1 Automotive, Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2023
AMC3311 TI-AMC3311 Datasheet
1Mb / 36P
AMC3311 Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com