Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3330 Datasheet(PDF) 3 Page - Texas Instruments

Part # AMC3330
Description  AMC3330 Precision, ±1V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3330 Datasheet(HTML) 3 Page - Texas Instruments

  AMC3330 Datasheet HTML 1Page - Texas Instruments AMC3330 Datasheet HTML 2Page - Texas Instruments AMC3330 Datasheet HTML 3Page - Texas Instruments AMC3330 Datasheet HTML 4Page - Texas Instruments AMC3330 Datasheet HTML 5Page - Texas Instruments AMC3330 Datasheet HTML 6Page - Texas Instruments AMC3330 Datasheet HTML 7Page - Texas Instruments AMC3330 Datasheet HTML 8Page - Texas Instruments AMC3330 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
4 Pin Configuration and Functions
1
DCDC_OUT
16
DCDC_IN
2
DCDC_HGND
15
DCDC_GND
3
HLDO_IN
14
DIAG
4
NC
13
LDO_OUT
5
HLDO_OUT
12
VDD
6
INP
11
OUTP
7
INN
10
OUTN
8
HGND
9
GND
Not to scale
Figure 4-1. DWE Package, 16-Pin SOIC (Top View)
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
DCDC_OUT
Power
High-side output of the isolated DC/DC converter; connect this pin to the HLDO_IN pin.(1)
2
DCDC_HGND Power Ground High-side ground reference for the isolated DC/DC converter; connect this pin to the HGND pin.
3
HLDO_IN
Power
Input of the high-side low-dropout (LDO) regulator; connect this pin to the DCDC_OUT pin.(1)
4
NC
—
No internal connection. Connect this pin to the high-side ground or leave this pin unconnected
(floating).
5
HLDO_OUT
Power
Output of the high-side LDO.(1)
6
INP
Analog Input
Noninverting analog input.
7
INN
Analog Input
Inverting analog input. Connect this pin to HGND.
8
HGND
Signal Ground High-side analog ground; connect this pin to the DCDC_HGND pin.
9
GND
Signal Ground Low-side analog ground; connect this pin to the DCDC_GND pin.
10
OUTN
Analog Output Inverting analog output.
11
OUTP
Analog Output Noninverting analog output.
12
VDD
Power
Low-side power supply.(1)
13
LDO_OUT
Power
Output of the low-side LDO; connect this pin to the DCDC_IN pin.(1)
14
DIAG
Digital Output
Active-low, open-drain status indicator output; connect this pin to the pullup supply (for example,
VDD) using a resistor or leave this pin floating if not used.
15
DCDC_GND
Power Ground Low-side ground reference for the isolated DC/DC converter; connect this pin to the GND pin.
16
DCDC_IN
Power
Low-side input of the isolated DC/DC converter; connect this pin to the LDO_OUT pin.(1)
(1)
See the Power Supply Recommendations section for power-supply decouplng recommendations.
www.ti.com
AMC3330
SBASA34B – JUNE 2020 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AMC3330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com