Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3330 Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC3330
Description  AMC3330 Precision, ±1V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3330 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC3330 Datasheet HTML 20Page - Texas Instruments AMC3330 Datasheet HTML 21Page - Texas Instruments AMC3330 Datasheet HTML 22Page - Texas Instruments AMC3330 Datasheet HTML 23Page - Texas Instruments AMC3330 Datasheet HTML 24Page - Texas Instruments AMC3330 Datasheet HTML 25Page - Texas Instruments AMC3330 Datasheet HTML 26Page - Texas Instruments AMC3330 Datasheet HTML 27Page - Texas Instruments AMC3330 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
to MCU
ADS8363
16-Bit ADC
1 µF
100 nF
1 nF
1 nF
100 nF
10
10
8.2 nF
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3301
1 µF
1 nF
100 nF
47 k
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
3.3 V / 5 V supply
to MCU
to uC (optional)
GND
1 µF
100 nF
1 nF
1 nF
100 nF
10 nF
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3330
1 µF
1 nF
100 nF
47 k
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
3.3 V / 5 V supply
to uC (optional)
GND
ADS8363
16-Bit ADC
to grid (L1)
RSHUNT
DC+
DC-
IPHASE
HS Gate
Driver
Supply
LS Gate
Driver
Supply
PGND
PGND
SW
RL11
RL1SNS
SW
PGND
N
N
RL12
Figure 7-1. The AMC3330 in a Solar Inverter Application
7.2.1 Design Requirements
Table 7-1 lists the parameters for this typical application.
Table 7-1. Design Requirements
PARAMETER
VALUE
Low-side supply voltage
3.3 V or 5 V
Voltage drop across the sensing resistor for a linear response
1 V (maximum)
Current through the resistive divider, ICROSS
100 µA (maximum)
7.2.2 Detailed Design Procedure
Use Ohm's Law to calculate the minimum total resistance of the resistive divider to limit the cross current to the
desired value ( RTOTAL = VLx / ICROSS ) and the required sense resistor value to be connected to the AMC3330
input: RSNS = VFSR / ICROSS.
Consider the following two restrictions to choose the proper value of the sense resistor RSNS:
• The voltage drop on RSNS caused by the nominal voltage range of the system must not exceed the
recommended input voltage range: VSNS ≤ VFSR
• The voltage drop on RSNS caused by the maximum allowed system overvoltage must not exceed the input
voltage that causes a clipping output: VSNS ≤ VClipping
AMC3330
SBASA34B – JUNE 2020 – REVISED AUGUST 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC3330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com