Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7834 Datasheet (PDF) - Texas Instruments

AMC7834 Datasheet PDF - Texas Instruments
Part # AMC7834
Download  AMC7834 Download
File Size   4492.21 Kbytes
Page   97 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities

AMC7834 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC7834 Datasheet PDF - Texas Instruments

Part # AMC7834
Download  AMC7834 Click to download

File Size   4492.21 Kbytes
Page   97 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities

AMC7834 Datasheet (HTML) - Texas Instruments


AMC7834 Product details

1 Features
1• Eight Monotonic 12-bit DACs With Programmable
Ranges
– Four Bipolar DACs:
–4 to 1 V, –5 to 0 V, and 0 to 5 V
– Four Unipolar DACs:
0 to 5 V, and 2.5 to 7.5 V
– High Current Drive Capability: up to ±10 mA
– Selectable Clamp Voltage
• Multi-Channel 12-bit SAR ADC
– Four External Analog Inputs: 0 to 2.5 V Range
– Four Internal Inputs for Bipolar DAC Monitoring
– Programmable Out-of-Range Alarms
• Four High-Side Current-Sense Amplifiers
– Common Mode Voltages: 4 to 60 V
– Optional Closed-Loop Drain-Current Controller
Operation
• Temperature Sensing Capabilities
– Internal Temperature Sensor
– Two Remote Temperature-Diode Drivers
• Internal 2.5 V Reference
• Four General-Purpose I/O Ports (GPIOs)
• Low-Power SPI-Compatible Serial Interface
– 4-Wire Mode, 1.7 to 3.6 V Operation
• Operating Temperature Range: –40°C to +125°C
• Available in a 56-Pin VQFN Package

2 Applications
• Communications Infrastructure:
– Cellular Base Stations
– Microwave Backhaul
– Optical Networks
• General-Purpose Monitor and Control
• Data Acquisition Systems

3 Description
The AMC7834 device is a highly-integrated, lowpower,
analog monitoring and control solution for
power-amplifier (PA) biasing capable of temperature,
current and voltage supervision.
The device integrates a multi-channel, 12-bit analogto-
digital converter (ADC); eight, 12-bit digital-toanalog
converters (DAC); four high-side currentsense
amplifiers that can be optionally set to operate
as part of four independent closed-loop drain-current
controllers; an accurate on-chip temperature sensor
and two remote temperature-sensor diode drivers;
four configurable general-purpose I/O ports (GPIOs);
and an accurate internal reference. The high level of
integration significantly reduces component count and
simplifies PA-biasing system designs.
The function integration and wide operatingtemperature
range of the device make it suitable as
an all-in-one, low-cost, bias control-circuit for PAs
found in multi-channel RF communication systems.
The flexible DAC output ranges and wide common
mode voltage current sensors allow the device to be
used as a biasing solution for a large variety of
transistor technologies such as LDMOS, GaAs, and
GaN. The AMC7834 feature set is similarly beneficial
in general-purpose monitor and control systems.
For applications that require a different channelcount,
additional features, or converter resolutions,
Texas Instruments offers a complete family of analog
monitor and control (AMC) products. For more
information, go to www.ti.com/amc.




Similar Part No. - AMC7834

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7834 TI1-AMC7834 Datasheet
4Mb / 93P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
AMC7834IRTQR TI1-AMC7834IRTQR Datasheet
4Mb / 93P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
AMC7834IRTQT TI1-AMC7834IRTQT Datasheet
4Mb / 93P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
AMC7834 TI-AMC7834_15 Datasheet
3Mb / 90P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
More results


Similar Description - AMC7834

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7294 AD-AD7294 Datasheet
682Kb / 45P
12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
Oct-2005
logo
Mean Well Enterprises C...
RCP-MU MEANWELL-RCP-MU Datasheet
313Kb / 3P
Power Control and Monitor System
logo
Texas Instruments
UCD90124 TI-UCD90124 Datasheet
2Mb / 44P
12-Rail Sequencer and System Health Monitor With Fan Control
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Mean Well Enterprises C...
RCP-MU MEANWELL-RCP-MU_11 Datasheet
315Kb / 3P
Power Control and Monitor System
logo
Texas Instruments
AMC7834 TI-AMC7834_15 Datasheet
3Mb / 90P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
AMC7834 TI1-AMC7834 Datasheet
4Mb / 93P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
23-Feb-2017
AD7294 AD-AD7294_17 Datasheet
1Mb / 48P
12-Bit Monitor and Control System with Multichannel
29-Nov-2017
AD7294-2 AD-AD7294-2 Datasheet
1,006Kb / 45P
12-Bit Monitor and Control System
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com