Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet (PDF) - Analog Devices

AD7294 Datasheet PDF - Analog Devices
Part # AD7294
Download  AD7294 Download
File Size   682.51 Kbytes
Page   45 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications

AD7294 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7294 Datasheet PDF - Analog Devices

Part # AD7294
Download  AD7294 Click to download

File Size   682.51 Kbytes
Page   45 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications

AD7294 Datasheet (HTML) - Analog Devices


AD7294 Product details

GENERAL DESCRIPTION

The AD7294 contains all the functions required for general purpose monitoring and control of current, voltage, and temperature integrated into a single-chip solution. The part includes low voltage (±200 mV) analog-input sense amplifiers for current monitoring across shunt resistors, temperature-sense inputs, and four uncommitted analog input channels multiplexed into a 200 kSPS SAR ADC. An internal low ppm reference is provided to drive both the DAC and ADC. Four 12-bit DACs provide the outputs for voltage control. The AD7294 also includes limit registers for alarm functions. The part is designed on a high voltage DMOS process for a high voltage compliance, 48 V on the current-sense inputs, and up to 15 V DAC output voltage.

The part is ideal for bias current control of the power transistors used in power amplifiers employed in CDMA, GSM, EDGE, and UMTS cellular base stations.

The DACs provide digital control with 1.2 mV resolution to control the bias currents of the power transistors. They can also be used to provide control voltages for variable gain amplifiers or impedance match networks in the main signal chain. Thermal diode based temperature sensors are incorporated to compensate for temperature effects. The ADC monitors the high-side current and temperature. All this functionality is provided in a 56-lead LFCSP package and a 64-lead TQFP package operating over a temperature range of −40°C to +105°C.



FEATURES

  4-channel 12-bit DAC

     Guaranteed monotonic

     10 μs settling time

     10 mA sink and source capability

     Offset in for range adjustment

     Output span: 5 V in 0 to 15 V range

  9-channel, 12-bit ADC

     200 kSPS throughput

     Input range: 0 to VREF, 0 to 2 VREF

     Differential/single-ended

     Limit registers per channel

  2 high-side current sense

     48 V max operation

     ±1% FS accuracy

     ±200 mV input range

  3-channel temperature sensor

     Diode temperature measurement

     ±2°C accuracy

     Measurement range: −10°C to +90°C

  Internal 2.5 V reference

  I2C®-compatible serial interface

  Temperature range: −40°C to +105°C

  Alert function

  Package type: LFCSP-56, TQFP-64



APPLICATIONS

  Cellular base station (GSM, EDGE, UMTS, CDMA)

  Point-to-multipoint and other RF transmission systems

  12 V, 24 V, 48 V automotive applications

  Industrial control



 




Similar Part No. - AD7294

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7294 AD-AD7294 Datasheet
1Mb / 48P
12-Bit Monitor and Control System with Multichannel
29-Nov-2017
AD7294-2 AD-AD7294-2 Datasheet
1,006Kb / 45P
12-Bit Monitor and Control System
23-Feb-2017
AD7294-2BSUZ AD-AD7294-2BSUZ Datasheet
1,006Kb / 45P
12-Bit Monitor and Control System
23-Feb-2017
AD7294-2BSUZ-RL AD-AD7294-2BSUZ-RL Datasheet
1,006Kb / 45P
12-Bit Monitor and Control System
23-Feb-2017
AD7294BCPZ AD-AD7294BCPZ Datasheet
1Mb / 48P
12-Bit Monitor and Control System with Multichannel
29-Nov-2017
More results


Similar Description - AD7294

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
logo
TEXAS ADVANCED OPTOELEC...
AMC7812B TAOS-AMC7812B Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
Texas Instruments
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B_14 Datasheet
2Mb / 93P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI-AMC7812B_15 Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7836 TI-AMC7836_15 Datasheet
3Mb / 87P
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7836 TI1-AMC7836 Datasheet
3Mb / 88P
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
23-Feb-2017
AD7294 AD-AD7294_17 Datasheet
1Mb / 48P
12-Bit Monitor and Control System with Multichannel
29-Nov-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com