Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 4 Page - Analog Devices

  AD7294 Datasheet HTML 1Page - Analog Devices AD7294 Datasheet HTML 2Page - Analog Devices AD7294 Datasheet HTML 3Page - Analog Devices AD7294 Datasheet HTML 4Page - Analog Devices AD7294 Datasheet HTML 5Page - Analog Devices AD7294 Datasheet HTML 6Page - Analog Devices AD7294 Datasheet HTML 7Page - Analog Devices AD7294 Datasheet HTML 8Page - Analog Devices AD7294 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
AD7294
Preliminary Technical Data
Rev. PrB | Page 4 of 45
ADC SPECIFICATIONS1
AVDD = DVDD 4.5 V to 5.5 V, AGND = DGND= 0 V, external 2.5 V reference. Temperature range for B version: −40°C to +105°C. All
specifications TMIN to TMAX, unless otherwise noted.
Parameter
Min
Typ
Max
Unit
Test Conditions / Comments
ACCURACY
Resolution
12
Bits
Integral Nonlinearity (INL)
±0.5
±1
LSB
Differential Mode
Single Ended or Pseudo-Differential
Mode
Differential Nonlinearity (DNL)
±1
LSB
Differential Mode
Single Ended or Pseudo-Differential
Mode
Offset Error
±3
LSB
Gain Error
±2
LSB
Total Unadjusted Error (TUE)
TBD
LSB
Conversion Rate
3
μS
Analog Input Range
0
VREF or 2 VREF
V
Input Capacitance
30
pF
DC Input Leakage Current
±1
µA
TEMPERATURE SENSOR
Accuracy
±2
°C
External temperature sensors × 2
TA = −10°C to +90°C
Accuracy
±2
°C
Internal temperature sensor
TA = −10°C to +90°C
Resolution
11
Bits
0.25 °C LSB size
Low Level Output Current Source
8
µA
Medium Level Output Current
Source
32
µA
High Level Output Current Source
128
µA
CURRENT SENSE
Common-Mode Input Range
AVDD
48
V
±200 mV Full Scale Voltage
Full-Scale Sense Voltage
200
mV
RS(+) and RS(−) Input Bias Current
25
µA
CMRR / PSRR
80
dB
Pin connected to power supply
Maximum Series Resistance for
external diode
10
k Ω
Gain
±1
% FS
TA = TMIN to TMAX
Accuracy
Offset
Bandwidth
300
kHz
Amplifier Equivalent RMS Noise
0.8
LSB
60 µV RMS referred to input
REFERENCE
Reference Output Voltage
2.49
2.51
V
Reference Input Voltage Range
0.1
2.5
V
DC Leakage Current
±30
µA
Input Capacitance
20
pF
VREF Output Impedance
25
Ω
Reference Temperature Coefficient
25
ppm/°C
10 ppm/°C typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com