Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7294 Datasheet HTML 17Page - Analog Devices AD7294 Datasheet HTML 18Page - Analog Devices AD7294 Datasheet HTML 19Page - Analog Devices AD7294 Datasheet HTML 20Page - Analog Devices AD7294 Datasheet HTML 21Page - Analog Devices AD7294 Datasheet HTML 22Page - Analog Devices AD7294 Datasheet HTML 23Page - Analog Devices AD7294 Datasheet HTML 24Page - Analog Devices AD7294 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Preliminary Technical Data
AD7294
Rev. PrB | Page 21 of 45
APPLICATIONS
The AD7294 is used in a power amplifier signal chain to
achieve the optimal bias condition for the LDMOS transistor.
The main factors influencing the bias conditions are
temperature, supply voltage, gate voltage drift, and general
processing parameters. The overall performance of a power
amplifiers configuration is determined by the inherent tradeoffs
required in efficiency, gain, and linearity. Dynamically
controlling the drain bias current, in order to maintain a
constant value over temperature and time, can significantly
improve the overall performance of the power amplifier.
The AD7294 contains all the functions required for general-
purpose monitoring and control of current, voltage, and
temperature. Depending on the signal chain, a number of
amplifiers can be used in predrive and drive modes prior to the
PA final stage to increase the overall power gain of the signal,
see Figure 23 .
PRE-DRIVER
DRIVER
2-STAGE FINAL
TO ANTENNA
RF SIGNAL
AD7294
Figure 23. Typical HPA Signal Chain
This addition of power gain has an adverse effect on the overall
efficiency of the PA. To minimize the degradation of the PA’s
efficiency, the drivers must be monitored and controlled to
optimize performance.
TYPICAL RF FRONT-END APPLICATION
The circuit in Figure 24 is a typical application for the AD7294.
The device is used to monitor and control the overall
performance of a two final stage amplifiers. The gain control
and phase adjustment of the driver stage are incorporated in the
application and are carried out by the two available
uncommitted outputs of the AD7294. Both high-side current
senses measure the amount of current on the respective final
stage amplifiers. The comparator outputs, ISENSE OVER-RANGE
pins, are the controlling signals for switches on the RF inputs of
the LDMOS power FETs. If the high-side current sense reads a
value above a specified limit compared with the set-point, the
RF IN signal is switched off by the comparator.
By measuring the transmitted power (Tx) and the received
power (Rx), the device can dynamically change the drivers and
PA signal to optimize performance. This application requires a
logarithmic detector/controller, such as Analog Devices AD8317.
12-BIT
ADC
12-BIT
DAC
COMPARATORS &
REGISTERS
TEMP
SENSOR
HIGH SIDE
CURRENT
SENSE
HIGH SIDE
CURRENT
SENSE
12-BIT
DAC
12-BIT
DAC
12-BIT
DAC
T1
T0
VOUT A
VOUT B
VOUT C
VOUT D
FILTER
RF CHOKE
FILTER
GAIN
CONTROL
IMPEDANCE
MATCH
LDMOS
LDMOS
RS1(+)
RS2(+)
RS1(-)
RS2(-)
VIN 0
VIN 1
VIN 2
VIN 3
D1 (+)
D1 (-)
D0 (-)
ISENSE2
OVER-RANGE
R Sense
AD7294*
D0 (+)
SET-POINT
240mV
RS2(-)
R Sense
* ADDITIONAL PINS OMITTED FOR CLARITY
VDD
RF CHOKE
MUX
RF OUT
TX Power
Monitor
RX Power
Monitor
REF
REF
TX
POWER
RX
POWER
RF OUT
RF IN
RF IN
RF
CUTOFF
ISENSE1
OVER-RANGE
Figure 24. Typical HPA Monitor and Control Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com