Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7294 Datasheet HTML 25Page - Analog Devices AD7294 Datasheet HTML 26Page - Analog Devices AD7294 Datasheet HTML 27Page - Analog Devices AD7294 Datasheet HTML 28Page - Analog Devices AD7294 Datasheet HTML 29Page - Analog Devices AD7294 Datasheet HTML 30Page - Analog Devices AD7294 Datasheet HTML 31Page - Analog Devices AD7294 Datasheet HTML 32Page - Analog Devices AD7294 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Preliminary Technical Data
AD7294
HYSTERESIS REGISTERS
Each hysteresis register is a 16-bit read/write register; only the
12 LSBs of the register are used, with the MSB signaling the
alert event. The hysteresis register stores the hysteresis value, N,
when using the limit registers. Each pair of limit registers has a
dedicated hysteresis register. The hysteresis value determines
the reset point for the ALERT pin/Alert_Flag if a violation of
the limits occurs. For example, if a hysteresis value of 8 LSB is
required on the upper and lower limits of Channel 1, the 16-bit
word 0000 0000 0000 1000 should be written to the hysteresis
register of CH1 (see Table 11). On power-up, the hysteresis
registers contain a value of 8 LSB for non-temperature result
registers and 8 °C, or 32 LSB, for the TSENSE registers. If a
different hysteresis value is required, that value must be written
to the hysteresis register for the channel in question. For the
TSENSE register D11, in Table 23 is 0.
Table 23. Hysteresis Register (First Read/Write)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
Alert_Flag
0
0
0
B11
B10
B9
B8
Table 24. Hysteresis Register (Second Read/Write)
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0
Using the Limit Registers to
Store Min/Max Conversion Results
If full scale—that is, all 1s—is written to the hysteresis register
for a particular channel, the DATAHIGH and DATALOW registers
for that channel no longer act as limit registers as previously
described, but act as storage registers for the maximum and
minimum conversion results returned from conversions on a
channel over any given period of time. This function is useful in
applications where the widest span of actual conversion results
is required rather than using the ALERT to signal that an
intervention is necessary. Note that on power-up, the contents
of the DATAHIGH register for each channel are full scale, whereas
the contents of the DATALOW registers are zero scale by default.
Therefore, minimum and maximum conversion values being
stored in this way are lost if power is removed or cycled.
Rev. PrB | Page 29 of 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com