Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7294 Datasheet HTML 7Page - Analog Devices AD7294 Datasheet HTML 8Page - Analog Devices AD7294 Datasheet HTML 9Page - Analog Devices AD7294 Datasheet HTML 10Page - Analog Devices AD7294 Datasheet HTML 11Page - Analog Devices AD7294 Datasheet HTML 12Page - Analog Devices AD7294 Datasheet HTML 13Page - Analog Devices AD7294 Datasheet HTML 14Page - Analog Devices AD7294 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
Preliminary Technical Data
AD7294
Rev. PrB | Page 11 of 45
SYSTEM DESCRIPTION
100K
200K
12-BIT
ADC
100K
200K
100K
200K
12-BIT
DAC
LIMIT
REGISTERS
MUX
2.5V
REF
CONTROL
LOGIC
I2C INTERFACE
PROTOCOL
TEMP
SENSOR
HIGH SIDE
CURRENT
SENSE
HIGH SIDE
CURRENT
SENSE
100K
200K
100K
200K
12-BIT
DAC
100K
200K
100K
200K
12-BIT
DAC
100K
200K
12-BIT
DAC
REFOUT/
REFIN DAC
T1
T0
SDA SCL A2
ALERT
A1 A0
VOUT A
OFFSET IN A
VOUT B
VOUT C
VOUT D
OFFSET IN B
OFFSET IN C
OFFSET IN D
FILTER
RF CHOKE
RF OUT
FILTER
GAIN
CONTROL
IMPEDANCE
MATCH
LDMOS
LDMOS
RS1(+)
RS2(+)
RS1(-)
RS2(-)
VIN 0
VIN 1
VIN 2
VIN 3
D1 (+)
D1 (-)
D0 (-)
FAULT2
RSense
DVDD
DGND(1-2)
AVDD(1-5) AGND(1-9) V+(1-2)
AD7294
REFOUT/
REFIN ADC
FAULT1
VPP(1-2)
D0 (+)
CAP
SET-POINT
240mV
Figure 5. System Diagram
The AD7294 contains all the functions required for general-
purpose monitoring and control of current, voltage, and
temperature integrated into a single-chip solution. The part
includes low voltage (±200 mV) analog-input sense amplifiers
for current monitoring across shunt resistors, temperature-
sense inputs, and four uncommitted analog input channels
multiplexed into a 200 kSPS SAR ADC. Four 12-bit DACs
provide the outputs for voltage control and complete the
analog-to-digital digital-to-analog control loop. The DACs
provide digital control with 1.2 mV resolution to control the
bias currents of the power transistors; they can also be used to
provide control voltages for variable gain amplifiers or
impedance-match networks in the main signal chain.
An internal, 2.5 V, low ppm reference is provided to drive both
the DAC and ADC. This internal reference can be overdriven
when an external reference is required. The AD7294 also
includes limit registers for alarm functions. Using alert registers,
the AD7294 flags an alert signal when the ADC readings go
above or below predetermined values. The analog input range
for the ADC can be selected to be a 0 V to VREF or 0 V to a
2×VREF input, configured with either single-ended or
differential analog inputs.
To compensate for temperature effects, one local on-chip, band
gap, temperature sensor and two remote, diode based,
temperature sensors can alternatively be selected. The high side
current sense is specified to manage LDMOS FETs up to 48 V
with bias currents ranging from 300 mA to 800 mA and gate
voltages of 4 V to 9 V. The part is designed on a high voltage
DMOS process for high voltage compliance, 60 V on the
current-sense inputs, and up to 15 V DAC output voltage.
The ADC monitors the high-side current and temperature
sensors as shown in Figure 6. If the temperature of, for
example, an LDMOS High Power Amplifier (HPA) transistor
rises above predetermined limits, out of limit comparisons
generate flags. The on-chip DAC will use the digital correction
loop to decrease the VGS of the device to maintain the desired
output voltage. An external resistor is used to sense the
transistors drain current and so automatically control the gate
bias voltage of the device.
RSENSE
ADC
TEMP
SENSE
VDD
RF CHOKE
DAC
VDRIVE
VOUTPUT
CURRENT
SENSE
HPA
Figure 6. Simplified Diagram of System
The part is ideal for bias current control of the power transistors
in power amplifiers employed in CDMA, GSM, EDGE, and UMTS
cellular base stations. The I2C digital interface allows the
flexibility of programming the bias points using an external
controller. The I2C bus also allows a number of devices to be
connected in parallel to control multiple FETS, the standard in
single-carrier and multi-carrier base station systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com