Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7294 Datasheet HTML 8Page - Analog Devices AD7294 Datasheet HTML 9Page - Analog Devices AD7294 Datasheet HTML 10Page - Analog Devices AD7294 Datasheet HTML 11Page - Analog Devices AD7294 Datasheet HTML 12Page - Analog Devices AD7294 Datasheet HTML 13Page - Analog Devices AD7294 Datasheet HTML 14Page - Analog Devices AD7294 Datasheet HTML 15Page - Analog Devices AD7294 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
AD7294
Preliminary Technical Data
Rev. PrB | Page 12 of 45
ADC INFORMATION
The AD7294 consists of a successive 200 kSPS approximation
analog-to-digital converter based around a capacitive DAC. The
analog input range for the part can be selected to be a 0 V to VREF
input or a 2 × VREF input, configured with either single-ended or
differential analog inputs. The AD7294 has an on-chip 2.5 V refer-
ence that can be n when an external reference is preferred. If the
internal reference is to be used elsewhere in a system, the output
must be buffered first.
The various monitored and uncommitted input signals are multi-
plexed into the ADC. The nine channel-allocation address bits
select which analog input channel to convert using the multiplexer.
Four uncommitted analog input channels are multiplexed to the
ADC, VIN (0 to 3). These four channels allow differential and
pseudodifferential mode measurements of various system signals.
ADC OPERATION
Figure 7 shows a very simplified schematic of the ADC. The
control logic, SAR and capacitive DACs are used to add and
subtract fixed amounts of charge from the sampling capacitor
arrays to bring the comparator back to a balanced condition.
CAPACITIVE
DAC
SWITCHES
VIN
VREF
SAR
CONTROL
LOGIC
CONTROL
INPUTS
OUTPUT DATA
14-BIT PARALLEL
COMPARATOR
Figure 7. Simplified ADC Block Diagram
Figure 8 and Figure 9 show simplified schematics of the ADC
during its acquisition and conversion phases in differential mode,
respectively. Figure 8 shows the ADC during its acquisition
phase. SW3 is closed, SW1 and SW2 are in Position A, the
comparator is held in a balanced condition, and the sampling
capacitor arrays acquire the differential signal on the input.
CAPACITIVE
DAC
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
SW3
SW1
A
A
B
B
SW2
CS
CS
VIN+
VIN–
VREF
Figure 8. ADC Acquisition Phase
When the ADC starts a conversion, as shown in Figure 9, SW3
opens, and SW1 and SW2 move to Position B, causing the com-
parator to become unbalanced. Both inputs are disconnected
once the conversion begins. When the comparator is rebalanced,
the conversion is complete. The control logic generates the ADC
output code. The output impedances of the sources driving the
VIN+ and VIN− pins must be matched; otherwise, the two inputs
will have different settling times, resulting in errors.
CAPACITIVE
DAC
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
SW3
SW1
A
A
B
B
SW2
CS
CS
VIN+
VIN–
VREF
Figure 9. ADC Conversion Phase
ADC TRANSFER FUNCTIONS
The designed code transitions occur at successive integer LSB
values (1 LSB, 2 LSB, and so on). In single-ended mode, the
LSB size is VREF/4,096 when the 0 V to VREF range is used and
2 × VREF/4,096 when the 0 V to 2 × VREF range is used.
000...000
111...111
1LSB = VREF/4096
1LSB
VREF – 1LSB
ANALOG INPUT
0V
000...001
000...010
111...110
111...000
011...111
NOTE
1. VREF IS EITHER VREF OR 2 × VREF.
Figure 10. Straight Binary Transfer Characteristic
In differential mode, the LSB size is 2 × VREF /4,096 when the 0 V
to VREF range is used and 4 × VREF/4,096 when the 0 V to 2 × VREF
range is used. The ideal transfer characteristic for the ADC when
outputting straight binary coding is shown in Figure 10, and the
ideal transfer characteristic for the ADC when outputting twos
complement coding is shown in Figure 11 (this is shown with
the 2 × VREF range).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com