Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7294 Datasheet HTML 15Page - Analog Devices AD7294 Datasheet HTML 16Page - Analog Devices AD7294 Datasheet HTML 17Page - Analog Devices AD7294 Datasheet HTML 18Page - Analog Devices AD7294 Datasheet HTML 19Page - Analog Devices AD7294 Datasheet HTML 20Page - Analog Devices AD7294 Datasheet HTML 21Page - Analog Devices AD7294 Datasheet HTML 22Page - Analog Devices AD7294 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Preliminary Technical Data
AD7294
Rev. PrB | Page 19 of 45
The AD7294 automatically cancels out the effect of this series
resistance on the temperature reading, giving a more accurate
result, without the need for user characterization of this resis-
tance. The AD7294 is designed to automatically cancel typically
up to 3 kΩ of resistance. By using an advanced temperature
measurement method, this is transparent to the user. This
feature allows resistances to be added to the sensor path to
produce a filter, allowing the part to be used in noisy environ-
ments.
Temperature Measurement Method
The temperature reading from the ADC is stored in a 10-bit
twos complement format and in a sign bit format, D10 to D0, to
accommodate both positive and negative temperature measure-
ments. The temperature data format is shown in Table 6, which
shows the achievable temperature measurement range. The
ADC can theoretically measure a 512°C temperature span,
ranging from −256°C to +255.75°C with an LSB of 0.25°C.
Table 6. TSENSE Data Format
Digital Input
Bit Weight (°C)
111 1111 1111
−0.25
100 0000 0000
−256
011 1111 1111
+255.75
000 0000 0000
+0.0
Each input is integrated in turn over a period of several hundred
microseconds. This takes place continuously in the background,
leaving the user free to perform conversions on the other channels.
When integration is complete, a signal is passed to the control
logic to automatically initiate a conversion. If the ADC is in
command mode, the temperature conversion is performed as
soon as the next conversion is completed. In autocycle mode,
the conversion is inserted into an appropriate place in the current
sequence; see the Register Setting section for further details. If
the ADC is idle, the conversion takes place immediately.
Three registers store the result of the last conversion on each
temperature channel; these can be read at any time. In addition,
in command mode, one or both of the two external channel
registers can be read out as part of the output sequence. The
MSB of the registers is set if an open-circuit condition is
detected on the input of the external sensors, indicating an
invalid result.
Noise Filtering
For temperature sensors operating in noisy environments,
previous practice was to place a capacitor across the D+ pin and
D− pin to help combat the effects of noise. However, large capaci-
tances affect the accuracy of the temperature measurement,
leading to a recommended maximum capacitor value of 1000 pF.
This capacitor reduces the noise, but does not eliminate it.
Sometimes, this sensor noise is a problem in a very noisy
environment. In most cases, a capacitor is not required as
differential inputs, by their very nature, have a high immunity
to noise.
Remote Sensing Diode
To reduce the error due to variations in both substrate and
discrete transistors, a number of factors should be taken into
consideration:
•
The ideality factor, nf, of the transistor is a measure of the
deviation of the thermal diode from ideal behavior. The
AD7294 is trimmed for an nf value of 1.008. Use the
following equation to calculate the error introduced at a
temperature T (°C), when using a transistor whose nf
does not equal 1.008. See the processor data sheet for the
nf values.
∆T = (nf − 1.008) × (273.15 K + T)
To factor this in, the user can write the ∆T value to the offset
register. The AD7294 then automatically adds it to or
subtracts it from the temperature measurement.
If a discrete transistor is used with the AD7294, the best
accuracy is obtained by choosing devices according to the
following criteria:
•
Base-emitter voltage greater than 0.25 V at 11 µA, at the
highest operating temperature.
•
Base-emitter voltage less than 0.95 V at 180 µA, at the
lowest operating temperature.
•
Base resistance less than 100 Ω.
•
Small variation in hFE (approximately 50 to 150) that
indicates tight control of VBE characteristics.
REFERENCE FOR ADC/DAC
The internal reference on the AD7294 is a well regulated, low
ppm 2.5 V reference with low drift voltage and a stable output.
The reference is common to all four DAC channels and the SAR
ADC. If the application requires an external reference, it can be
applied to the REFOUT/REFIN DAC pin or to the REFOUT/
REFIN ADC pin. If the reference is driving external nodes, a
buffer is required to achieve a low impedance output. For
stability, the reference buffers each require at least 470 nF on the
output pin. Note that on power up, the ADC and DAC reference
buffers are switched off by default ; note the power-down
register in the Register Setting section.
When using an external reference to achieve the desired
performance from the AD7294, thought should be given to the
choice of a precision voltage reference. There are four possible
sources of error that should be considered when choosing a
voltage reference for high accuracy applications: initial
accuracy, ppm drift, long-term drift, and output voltage noise.
To minimize these errors, a reference with high initial accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com