Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7294 Datasheet HTML 35Page - Analog Devices AD7294 Datasheet HTML 36Page - Analog Devices AD7294 Datasheet HTML 37Page - Analog Devices AD7294 Datasheet HTML 38Page - Analog Devices AD7294 Datasheet HTML 39Page - Analog Devices AD7294 Datasheet HTML 40Page - Analog Devices AD7294 Datasheet HTML 41Page - Analog Devices AD7294 Datasheet HTML 42Page - Analog Devices AD7294 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Preliminary Technical Data
AD7294
Rev. PrB | Page 39 of 45
MODE 2 – AUTOCYCLE MODE
An automatic conversion cycle can be selected and enabled by
initially selecting the enable autocycle mode option in the
configuration register. The desired sequence of the autocycle
mode is controlled using the channel sequence register. The
automatic cycle mode can be set on the four uncommitted
analog input channels along with the two ISENSE channels. When
the 6 LSBs of this register are programmed with any
configuration other than all 0s, a conversion takes place every 5
ms. In autocycle mode the sample delay and bit trial delay are
two configuration options which can be used to maintain ADC
performance when I2C bus activity is taking place during a
conversion.
If more than one channel bit is set in the channel sequence
register, the ADC automatically cycles through the channel
sequence, starting with the lowest channel. Once the sequence
is complete, the ADC starts converting on the lowest channel
again, continuing to loop through the sequence until the cycle
timer register contents are set to all 0s. This mode is useful for
monitoring signals, such as signal power and current sensing,
alerting only when the limits are violated. To exit the autocycle
mode the user must write all zeroes to the channel sequence
register or disable the autocycle mode in the configuration
register.
Figure 36 shows the autocycle mode where
only one channel is chosen from the channel sequence register.
Depending on the controller of the I2C interface, it is also
possible to break the long write frame into two shorter frames,
where a second frame can begin after writing to the
configuration register. After writing to the configuration
register, the user can stop the frame, re-address the part and
write to the channel sequence.
SD A
ACK. BY
AD7294
11
9
9
00
0
0
01
R/W
A0
A1
A2
A3
A4
1
SC L
1
0
1
91
9
D15
D14
D13
D10
D9
D8
1
D11
FR AME 3
CONFIGURATION REGISTER VALUE MSB
SC L (CO NTINUED )
SD A (CONTINUED)
ST ART BY
MA ST ER
ACK. B Y
AD7294
ACK. BY
AD7294
FR AME 1
SERIAL BUS ADDRESS BYT E + WRITE
FRAME 2
POINTER TO CONFIGURATION REGISTER
ACK. BY
AD7294
19
D7
D6
D5
D2
D1
D0
D4
D3
FRAME 4
CONFIGURATION REGISTER VALUE LSB
ACK. BY
AD7294
91
9
ALERT CHID
D10
D9
D8
D11
FR AME 9
MOST SIGNIFICANT DATA BYTE
SC L (CO NTINUED )
SD A (CONTINUED)
.
NO ACK
AD7294
19
D7
D6
D5
D2
D1
D0
D4
D3
FRAME 10
LEAST SIGNIFICANT DATA BYTE
CHID
CHID
STOP BY
MASTER
ACK. BY
AD7294
91
9
0
00
0
00
0
FRA ME 5
POINTER TO CHANNEL SEQUENCE REGISTER
SC L (CONTINUED )
SD A (CO NTINUE D)
ACK. BY
AD7294
19
D7
D6
D5
D2
D1
D0
D4
D3
FRA ME 6
CHANNEL SEQUENCE REGISTER
SC L (CO NTINUED )
SD A (CONTINUED)
19
R/W
A0
A1
A2
A3
A4
1
1
ACK. BY
AD7294
FRAME 8
SERIAL BUS ADDRESS BYTE + READ
REPEATED START
BY MASTER
.
91
9
0
00
0
00
0
1
FRAME 7
POINTER TO RESULT REGISTER
Figure 36. Autocycle Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com