Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7294 Datasheet HTML 12Page - Analog Devices AD7294 Datasheet HTML 13Page - Analog Devices AD7294 Datasheet HTML 14Page - Analog Devices AD7294 Datasheet HTML 15Page - Analog Devices AD7294 Datasheet HTML 16Page - Analog Devices AD7294 Datasheet HTML 17Page - Analog Devices AD7294 Datasheet HTML 18Page - Analog Devices AD7294 Datasheet HTML 19Page - Analog Devices AD7294 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
AD7294
Preliminary Technical Data
Rev. PrB | Page 16 of 45
DAC OPERATION
The AD7294 contains four 12-bit DACs, which provide digital
control with 1.2 mV resolution to control the bias currents of
the power transistors. They can also be used to provide control
voltages for variable gain amplifiers or impedance match
networks in the main signal chain. The DAC core is a thin film
12-bit string DAC with a 5 V internal buffer to drive the high
voltage output stage. The DAC has a range of 0 to 5 V with a 2.5
V reference input. The output span of the DAC, which is
controlled by the offset input, can be positioned anywhere
between 0 to 15 V. Figure 16 is a block diagram of the DAC
architecture. The DAC can maintain 12-bit accuracy for up to a
500 Ω load.
VREF
12-Bit
DAC
100K
200K
100K
200K
VOUT
OFFSET IN
VDAC
R2
R2
R1
R1
I2CDATA INPUTS
EXTERNAL
REFERENCE
CAPACITOR
V
LO
V
HI
A1
A2
Figure 16. DAC Architecture
To improve functionality of the device, the DAC output is
digitally inverted. Therefore, although the input coding to the
DAC is straight binary, the ideal output voltage is given by
VDAC = VREF − VDAC*
Where VDAC *=
⎥⎦
⎤
⎢⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
×
n
2
D
V
REF
where D is the decimal equivalent of the binary code that is loaded
to the DAC register, and n is the bit resolution of the DAC.
Table 5. DAC Output Code Table
Digital Input
Analog Output (V)
0000 0000 0000
VREF −VREF (0/4,096)=VREF
0000 0000 0001
VREF −VREF (1/4,096)
1000 0000 0000
VREF −VREF (2048/4,096) = VREF/2
1111 1111 1111
VREF −VREF (4095/4,096)
Resistor String
The resistor string structure is shown in Figure 17. It is simply a
string of 2n resistors, each of value R. The code loaded to the
DAC register determines at which node on the string the
voltage is tapped off to be fed into the output amplifier. The
voltage is tapped off by closing one of the switches connecting
the string to the amplifier. This architecture is inherently
monotonic, voltage out, and low glitch. It is also linear due to
the fact that all of the resistors are of equal value.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
Figure 17. Resistor String Structure
Output Amplifier
Referring to Figure 16, the purpose of A1 is to buffer the DAC
output range from 0 V to VREF. The second amplifier, A2, is
configured such that when an offset is applied to OFFSET IN,
its output voltage is three times the offset voltage minus twice
the DAC voltage.
VOUT = 3VOFFSET − 2VDAC
The DAC word is digitally inverted on-chip such that
VOUT = 3VOFFSET + 2(VDAC* − VREF)
The user has the option of leaving the offset pin open, in which
case the voltage on the noninverting input of op amp, A2, is set
by the resistor divider, giving
VOUT = 2VDAC
This generates the 5 V output span from a 2.5 V reference.
Digitally inverting the DAC allows the circuit to operate as a
generic DAC when no offset is applied.
The DACs provide digital control with 1.2 mV resolution to
control the bias currents of the power transistors. The DAC
output buffer, A2, is capable of driving a 1 nF capacitor with
current source and sink capabilities of 10 mA to within 200 mV
off the supply. The output buffer has a supply range of 20 V with a
slew rate of 1 V/μs. Current limiting should take effect at about
40 mA. Note that a significant amount of power could be dissipated
in this situation; a thermal shutdown circuit will set the DAC
outputs to high impedance if a die temperature of >150°C is
measured by the internal temperature sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com