Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 33 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7294 Datasheet HTML 29Page - Analog Devices AD7294 Datasheet HTML 30Page - Analog Devices AD7294 Datasheet HTML 31Page - Analog Devices AD7294 Datasheet HTML 32Page - Analog Devices AD7294 Datasheet HTML 33Page - Analog Devices AD7294 Datasheet HTML 34Page - Analog Devices AD7294 Datasheet HTML 35Page - Analog Devices AD7294 Datasheet HTML 36Page - Analog Devices AD7294 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Preliminary Technical Data
AD7294
Reading Data from an 8-Bit Register
Reading the contents from any of the 8-bit registers is a single-
byte read operation, as shown in Figure 30. This protocol
assumes that the particular register address has been set up by a
single-byte write operation to the address pointer register (see
Figure 30). Once the register address has been set up, any
number of reads can be performed from that particular register
without having to write to the address pointer register again. If a
read from a different address is required, the relevant register
address has to be written to the address pointer register, and
again any number of reads from this register can then be
performed. In this operation, the master device receives a single
byte from a slave device as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by
the read bit (high).
3.
The addressed slave device asserts ACK on SDA.
4.
The master receives a data byte.
5.
The master asserts NACK on SDA so that the slave
knows the data transfer is complete.
6.
The master asserts a stop condition on SDA, and the
transaction ends.
SDA
11
99
D7
D6
D5
D2
D1
D0
R/W
A0
A1
A2
A3
A4
1
SC L
D4
D3
1
START BY
MASTER
ACK. BY
AD7294
NO ACK. BY
MASTER
STOP BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYT E
FRAME 2
SINGLE DATA BYT E FROM AD7294
Figure 30. Reading a Single Byte of Data from a Selected Register
Rev. PrB | Page 33 of 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com