Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7294 Datasheet HTML 14Page - Analog Devices AD7294 Datasheet HTML 15Page - Analog Devices AD7294 Datasheet HTML 16Page - Analog Devices AD7294 Datasheet HTML 17Page - Analog Devices AD7294 Datasheet HTML 18Page - Analog Devices AD7294 Datasheet HTML 19Page - Analog Devices AD7294 Datasheet HTML 20Page - Analog Devices AD7294 Datasheet HTML 21Page - Analog Devices AD7294 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
AD7294
Preliminary Technical Data
Rev. PrB | Page 18 of 45
TEMPERATURE SENSOR
The AD7294 consists of one local and two remote temperature
sensors. The analog input multiplexer can alternately select
either the on-chip band gap temperature sensor, to measure the
temperature of the system, or one of the two remote diode
temperature sensors. The 12-bit ADC digitizes these signals,
and the results are stored in the TSENSEINT, TSENSE1, and TSENSE2
registers. These results are compared with their respective
DATALOW, DATAHIGH, and hysteresis registers. Out-of-limit
comparisons generate flags, and further information on these
are stored in the alert registers. A result that exceeds the high
temperature limit, the low temperature limit, or an external
diode fault causes the ALERT output to assert high.
LIMIT
REGISTERS
MUX
TEMP
SENSOR
T1
T0
ALERT
D1 (+)
D1 (-)
D0 (-)
AD7294
D0 (+)
CAP
REMOTE
SENSING
TRANSISTORS
N*I
I
I-BIAS
MUX
VDD
BIAS
DIODE
TO ADC
LOW PASS FILTER
fc = 65 KHz
Figure 20. Internal and Remote Temperature Sensors
The temperature sensor module on the AD7294 is based on the
3-current principle, see Figure 20, where three currents are
passed through a diode and the forward voltage drop is
measured at each diode, allowing the temperature to be
calculated free of errors caused by series resistance.
Temperature Measurement Method
The AD7294 can measure the temperature of two remote diode
sensors or diode-connected transistors connected from D0(+)
to D0(−) and from D1(+) to D1(−).
The forward voltage of a diode or diode-connected transistor
operated at constant current exhibits a negative temperature
coefficient of about 2 mV/°C. Unfortunately, the absolute value
of VBE varies from device to device, and individual calibration is
required to null this; therefore, the technique is unsuitable for
mass production.
The technique used in the AD7294 is to measure the change in
VBE when the device is operated at three different currents, see
Figure 20.
This is given by
ΔVBE = KT/q × 1n(N)
where:
K is Boltzmann’s constant.
q is the charge on the carrier.
T is the absolute temperature in Kelvin.
N is the ratio of the two currents.
If a discrete transistor is used for T1 and T0, such as a
2N3904/2N3906, the collector is not grounded and should be
linked to the base. If a PNP transistor is used, the base is
connected to the D− input and the emitter to the D+ input. If
an NPN transistor is used, the emitter is connected to the D−
input and the base to the D+ input. Figure 21 and Figure 22
show how to connect the AD7294 to an NPN or PNP transistor
for temperature measurement. To prevent ground noise from
interfering with the measurement, the more negative terminal
of the sensor is not referenced to ground, but is biased above
ground by an internal diode at the D− input.
2N3904
NPN
AD7294
D+
D–
Figure 21. Measuring Temperature Using an NPN Transistor
2N3906
PNP
AD7294
D+
D–
Figure 22. Measuring Temperature Using a PNP Transistor
To measure ΔVBE, the sensor is switched between operating
currents of I and N × I. The resulting waveform is passed
through a 65 kHz low-pass filter to remove noise, and to a
chopper-stabilized amplifier that performs the functions of
amplification and rectification of the waveform to produce
a dc voltage proportional to ΔVBE. This voltage is measured
by the ADC to give a temperature output in 10-bit, twos
complement format.
Series Resistance Cancellation
Parasitic resistance to the D+ and D− inputs to the AD7294,
seen in series with the remote diode, is caused by a variety of
factors, including PCB track resistance and track length. This
series resistance appears as a temperature offset in the remote
sensor’s temperature measurement. This error typically causes
a 0.5°C offset per ohm of parasitic resistance in series with the
remote diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com