Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7294 Datasheet HTML 13Page - Analog Devices AD7294 Datasheet HTML 14Page - Analog Devices AD7294 Datasheet HTML 15Page - Analog Devices AD7294 Datasheet HTML 16Page - Analog Devices AD7294 Datasheet HTML 17Page - Analog Devices AD7294 Datasheet HTML 18Page - Analog Devices AD7294 Datasheet HTML 19Page - Analog Devices AD7294 Datasheet HTML 20Page - Analog Devices AD7294 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
Preliminary Technical Data
AD7294
Rev. PrB | Page 17 of 45
CURRENT SENSOR
Two current-sense amplifiers are provided, which can
accurately amplify small differential current shunt voltages in
the presence of rapidly changing common mode voltages. Each
accepts a (VPP) ±200 mV full-scale input voltage and supplies a
(VCC/2) ± 2.5 V signal to the ADC.
The current sense in the AD7294 is a high-side current sense
amplifier, which allows for the monitoring of currents on the VDD
line ranging from AVDD up to 48 V, see Figure 18. The sense
amplifier works correctly for common mode voltages on RS(−)
and RS(+) of between 47 V (VPP − 1 V) and 48.2 V (VPP + 200
mV). It gives a full scale output to the ADC for a differential
input of ± 200 mV, e.g. 48 V on RS+ and 47.8 on RS−. An input
signal of greater than 240 mV magnitude should trigger an
alert. An alert will also be triggered if the common mode
voltages on RS+ and RS− go outside the specified limits, as the
amplifier will no longer be in its linear region. The inputs can
be sampled at approximately 6 μs intervals, giving a Nyquist
frequency of approximately 160 KHz.
AD7294
A1
AVDD to +48V
RS(+)
RS(-)
RSENSE
ILOAD
R1
R2
R4
R3
VOUT
TO MUX
A2
Q1
Q2
Figure 18. High-Side Current Sense
The AD7294 is comprised of two main blocks, a differential and
an instrumentation amplifier. A load current flowing through
the external shunt resistor produces a voltage at the input
terminals of the AD7294. Resistors R1 and R2 connect the input
terminals to the differential amplifier (A1). A1 nulls the voltage
appearing across its own input terminals by adjusting the
current through R1 and R2 with transistors Q1 and Q2. When
the input signal to the AD7294 is 0, the currents in R1 and R2
are equal. When the differential signal is nonzero, the current
increases through one of the resistors and decreases in the
other. The current difference is proportional to the size and
polarity of the input signal. Since the differential input voltage is
converted into a current, common-mode rejection is no longer
reliant on resistor matching, and high accuracy and
performance is provided throughout the wide common-mode
voltage range. The amplifier is chopper stabilized with a
switching frequency of approximately 300kHz.
The differential currents through QI and Q2 are converted into
a differential voltage due to R3 and R4. A2 is configured as an
instrumentation amplifier, and this differential input signal is
converted into a single-ended output voltage by A2. The gain is
internally set with thin-film resistors to 12.5V/V. Hence for an
input voltage of ± 200 mV an output span of ± 2.5 V will be
generated.
Note that when using the external reference for the ADC, the
maximum ISENSE input span is 240 mV with a gain of 12.5 in the
ISENSE amplifier. Therefore, the maximum usable span on the
ADC is 3 V. If an external reference of 5 V is required by the
user, only 60% the ADC span will be used for the ISENSE
conversion.
Choosing RSENSE
Example calculation:
The AD7294 current sense has a specified full-scale sense range
of ± 200 mV. With a VPP of, for example, 48V and a RLOAD of,
for example, 50 Ω, the ILOAD is :
ILOAD = VPP / RLOAD = 48 V / 50 Ω = 0.96 A
With a full scale sense range of 200 mV, sense resistor value is:
RSENSE = FSVSENSE / ILOAD = 200 mV / 0.96 A = 208.3 m Ω
In applications monitoring very high currents, RSENSE must be
able to dissipate the I2R losses. If the resistor’s rated power
dissipation is exceeded, its value may drift or it may fail
altogether, causing a differential voltage across the terminals in
excess of the absolute maximum ratings. If ISENSE has a large high
frequency component, care should be taken to choose a resistor
with low inductance. Wire-wound resistors have the highest
inductance, metal-film resistors are somewhat better, and low
inductance metal-film resistors are best suited for these
applications.
Kelvin Sense Resistor Connection
When using a low value sense resistor for high current
measurement, the problem of parasitic series resistance can
arise. The lead resistance can be a substantial fraction of the
rated resistance, making the total resistance a function of lead
length. This problem can be avoided by using a Kelvin sense
connection. This type of connection separates the current path
through the resistor and the voltage drop across the resistor.
Figure 19 shows the correct way to connect the sense resistor
between the VCC and SENSE pins of the AD7294.
SENSE RESISTOR
CURRENT FLOW
FROM SUPPLY
CURRENT FLOW
TO LOAD
KELVIN SENSE
TRACES
AD7294
RSX(+)
RSX(-)
Figure 19. Kelvin Sense Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com