Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7294 Datasheet HTML 9Page - Analog Devices AD7294 Datasheet HTML 10Page - Analog Devices AD7294 Datasheet HTML 11Page - Analog Devices AD7294 Datasheet HTML 12Page - Analog Devices AD7294 Datasheet HTML 13Page - Analog Devices AD7294 Datasheet HTML 14Page - Analog Devices AD7294 Datasheet HTML 15Page - Analog Devices AD7294 Datasheet HTML 16Page - Analog Devices AD7294 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Preliminary Technical Data
AD7294
Rev. PrB | Page 13 of 45
100...000
011...111
1LSB = 2
× V
REF/4096
+VREF – 1 LSB
–VREF + 1LSB VREF – 1LSB
ANALOG INPUT
100...001
100...010
011...110
000...001
000...000
111...111
Figure 11. Twos Complement Transfer Characteristic with VREF ± VREF Input Range
For Channels 1 to 4 in single-ended mode, the output code is
straight binary, where 000 = 0 V, FFF = VREF.
In differential mode, the code is twos complement, where
000 =0 V, 7FF = +VREF, 800 = −VREF, and FFF = 0 V − 1 LSB.
Channels 5 and 6 are twos complement, where 000 = 0 mV,
7FF = +200 mV, 800 = −200 mV, and FFF = 0 V − 1 LSB.
Channels 7 to 9 are twos complement with LSB = 0.25°C, where
000 = 0°C, 7FF = +255.75°C, 800 = −256°C, and FFF = −0.25°C.
ANALOG INPUTS
The AD7294 has a total of four analog inputs. Depending on
the configuration register setup, they can be configured as two
single-ended inputs, two pseudodifferential channels or two
fully differential channels. See the Register Setting section for
further details.
Single-Ended Mode
The AD7294 can have four single-ended analog input channels.
In applications where the signal source has high impedance, it is
recommended to buffer the analog input before applying it to
the ADC. The analog input range can be programmed to be
either 0 to VREF or 0 to 2 × VREF.In 2 × Vref mode, the input is
effectively divided by 2 before the conversion takes place, so the
input range becomes 0 to 2 × VREF. Note that the voltage on the
input channel pins with respect to GND cannot exceed VDD.
If the analog input signal to be sampled is bipolar, the internal
reference of the ADC can be used to externally bias up this
signal so that it is correctly formatted for the ADC. Figure 12
shows a typical connection diagram when operating the ADC
in single-ended mode.
VIN
0V
+1.25V
–1.25V
DCAPA/DCAPB
VA1
AD7294
1
VB6
R
R
3R
R
0V
+2.5V
0.47
µF
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 12. Single-Ended Mode Connection Diagram
Differential Mode
The AD7294 can have two differential analog input pairs.
Differential signals have some benefits over single-ended
signals, including noise immunity based on the device’s
common-mode rejection and improvements in distortion
performance. Figure 13 defines the fully differential analog
input of the AD7294.
VIN+
AD7294
1
VIN–
VREF p-p
VREF p-p
COMMON
MODE
VOLTAGE
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 13. Differential Input Definition
The amplitude of the differential signal is the difference
between the signals applied to the VIN+ and VIN− pins in each
differential pair (VIN+ − VIN−). For the various differential
modes, refer to the ADC Channel Allocation section. The
resulting converted data is stored in 2s complement format in
the Result Register. VIN+ and VIN− should be driven
simultaneously by two signals each of amplitude VREF (or 2 ×
VREF, depending on the range chosen) that are 180° out of phase.
Assuming the 0 to VREF range is selected, the amplitude of the
differential signal is therefore −VREF to +VREF peak-to-peak (2 ×
VREF), regardless of the common mode (CM).
The common mode is the average of the two signals
(VIN+ + VIN−)/2
And is therefore the voltage on which the two inputs are
centered.
This results in the span of each input being CM ± VREF/2. This
voltage has to be set up externally, and its range varies with the
reference value, VREF. As the value of VREF increases, the common-
mode range decreases. When driving the inputs with an amplifier,
the actual common-mode range is determined by the amplifier’s
output voltage swing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com