Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7294 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7294 Datasheet HTML 5Page - Analog Devices AD7294 Datasheet HTML 6Page - Analog Devices AD7294 Datasheet HTML 7Page - Analog Devices AD7294 Datasheet HTML 8Page - Analog Devices AD7294 Datasheet HTML 9Page - Analog Devices AD7294 Datasheet HTML 10Page - Analog Devices AD7294 Datasheet HTML 11Page - Analog Devices AD7294 Datasheet HTML 12Page - Analog Devices AD7294 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Preliminary Technical Data
AD7294
Rev. PrB | Page 9 of 45
Pin No.
Mnemonic
Description
and 400 kHz operating modes.
36
OPGND
Dedicated Ground Pin for I2C Interface.
37
VDRIVE
This pin should be connected to the supply that the I2C bus is pulled up to. This is not a supply
pin in I2C mode—it just sets up the input threshold levels.
38
DGND
Ground for All Digital Circuitry.
39
DVDD
Logic Power Supply. Guaranteed operating range is 2.7 V to 5.5 V. It is recommended that these
pins be decoupled with 0.1 µF ceramic and 10 µF tantalum capacitors to DGND.
40, 41
ISENSE1 Overrange,
ISENSE2 Overrange
Outputs from Fault Comparators Connected to High-Side Current Sense Amplifiers.
43 to 46
VIN3 to VIN0
Single-Ended Analog Inputs with Input Range from 0 V to REFIN/REFOUT ADC.
47
REFOUT/REFIN ADC
The AD7294 contains REFOUT/REFIN ADC pin for the ADC. When the internal reference is
selected, this pin is the reference output. If the application requires an external reference, it can
be applied to this pin, and the internal reference can be disabled via the control register. The
default for this pin is a reference input.
48
DCAP
External Decoupling Capacitor Input for Internal Temperature Sensor. A 0.1 μF capacitor to
AGND should be connected to this pin.
55, 56
VPP1, VPP2
Analog Supply Pins. Power supply pins for the high-side current sense amplifiers. Operating
range is from AVDD to +60 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com