Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610-R1 Datasheet (PDF) - Texas Instruments

BQ28Z610-R1 Datasheet PDF - Texas Instruments
Part # BQ28Z610-R1
Download  BQ28Z610-R1 Download
File Size   1674.27 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ28Z610-R1 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs

BQ28Z610-R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ28Z610-R1 Datasheet PDF - Texas Instruments

Part # BQ28Z610-R1
Download  BQ28Z610-R1 Click to download

File Size   1674.27 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ28Z610-R1 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs

BQ28Z610-R1 Datasheet (HTML) - Texas Instruments


BQ28Z610-R1 Product details

1 Features
• Autonomous battery charging control, using a
dedicated MASTER mode I2C interface
• Cell balancing with an internal bypass to optimize
battery health
• A high-side protection N-CH FET drive enables
serial bus communication during fault conditions
• Programmable protection levels for voltage,
current, and temperature
• Analog front-end with two independent ADCs
– Support for simultaneous current and voltage
sampling
– High-accuracy coulomb counter with input
offset error < 1 μV (typical)
• Supports down to 1-mΩ current sense resistor
while capable of 1-mA current measurement
• Supports battery trip point (BTP) function for
Windows® integration
• SHA-1 authentication responder for increased
battery pack security
• 400-kHz I2C bus communications interface for
high-speed programming and data access
• Compact 12-pin VSON package (DRZ)

2 Applications
• Tablet computing
• Portable and wearable health devices
• Portable audio devices
– Wireless (Bluetooth®) speakers

3 Description
The Texas Instruments BQ28Z610-R1 device is
a highly integrated, accurate, 1-series to 2-series
cell gas gauge and protection solution, providing
autonomous charger control and cell balancing.
The BQ28Z610-R1 device enables autonomous
charge control through Master Mode I2C broadcasts
of charging current and voltage information,
eliminating software overhead that is typically incurred
by the system's host controller.
The BQ28Z610-R1 device provides a fully integrated
pack-based solution with a flash programmable
custom reduced instruction-set CPU (RISC), safety
protection, and authentication for 1- to 2-series cell
Li-ion and Li-polymer battery packs.
The BQ28Z610-R1 gas gauge communicates via
an I2C compatible interface and combines an
ultra-low-power, high-speed TI BQBMP processor,
high-accuracy analog measurement capabilities,
integrated flash memory, an array of peripheral
and communication ports, an N-CH FET drive, and
a SHA-1 Authentication transform responder into
a complete, high-performance battery management
solution.




Similar Part No. - BQ28Z610-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28Z610-R1 TI1-BQ28Z610-R1 Datasheet
840Kb / 32P
BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
More results


Similar Description - BQ28Z610-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28Z610 TI1-BQ28Z610 Datasheet
1Mb / 36P
Impedance Track Gas Gauge and Protection Solution
BQ27750 TI1-BQ27750 Datasheet
1Mb / 34P
Impedance Track Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z561 TI1-BQ27Z561 Datasheet
908Kb / 24P
Impedance Track Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z561-R1 TI1-BQ27Z561-R1 Datasheet
492Kb / 24P
Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ27Z561-R1_1904 TI1-BQ27Z561-R1_1904 Datasheet
1Mb / 26P
Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ28Z610-R1 TI1-BQ28Z610-R1 Datasheet
840Kb / 32P
BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
BQ27Z561-R2 TI-BQ27Z561-R2 Datasheet
851Kb / 22P
BQ27Z561-R2 Impedance Track??Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z746 TI-BQ27Z746 Datasheet
1Mb / 30P
BQ27Z746 Impedance Track??Technology Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
SLUSDW2 ??NOVEMBER 2021
BQ28Z620 TI-BQ28Z620 Datasheet
1Mb / 39P
BQ28Z620 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
DECEMBER 2022
BQ27Z558 TI1-BQ27Z558 Datasheet
1Mb / 27P
BQ27Z558 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs, with 1.2-V IO Support
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com