Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610-R1 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ28Z610-R1
Description  BQ28Z610-R1 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ28Z610-R1 Datasheet(HTML) 1 Page - Texas Instruments

  BQ28Z610-R1 Datasheet HTML 1Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 2Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 3Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 4Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 5Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 6Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 7Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
BQ28Z610-R1 Impedance Track™ Gas Gauge and Protection Solution
for 1-Series to 2-Series Cell Li-Ion Battery Packs
1 Features
• Autonomous battery charging control, using a
dedicated MASTER mode I2C interface
• Cell balancing with an internal bypass to optimize
battery health
• A high-side protection N-CH FET drive enables
serial bus communication during fault conditions
• Programmable protection levels for voltage,
current, and temperature
• Analog front-end with two independent ADCs
– Support for simultaneous current and voltage
sampling
– High-accuracy coulomb counter with input
offset error < 1 µV (typical)
• Supports down to 1-mΩ current sense resistor
while capable of 1-mA current measurement
• Supports battery trip point (BTP) function for
Windows® integration
• SHA-1 authentication responder for increased
battery pack security
• 400-kHz I2C bus communications interface for
high-speed programming and data access
• Compact 12-pin VSON package (DRZ)
2 Applications
• Tablet computing
• Portable and wearable health devices
• Portable audio devices
– Wireless (Bluetooth®) speakers
3 Description
The Texas Instruments BQ28Z610-R1 device is
a highly integrated, accurate, 1-series to 2-series
cell gas gauge and protection solution, providing
autonomous charger control and cell balancing.
The BQ28Z610-R1 device enables autonomous
charge control through Master Mode I2C broadcasts
of
charging
current
and
voltage
information,
eliminating software overhead that is typically incurred
by the system's host controller.
The BQ28Z610-R1 device provides a fully integrated
pack-based solution with a flash programmable
custom reduced instruction-set CPU (RISC), safety
protection, and authentication for 1- to 2-series cell
Li-ion and Li-polymer battery packs.
The BQ28Z610-R1 gas gauge communicates via
an I2C compatible interface and combines an
ultra-low-power, high-speed TI BQBMP processor,
high-accuracy
analog
measurement
capabilities,
integrated flash memory, an array of peripheral
and communication ports, an N-CH FET drive, and
a SHA-1 Authentication transform responder into
a complete, high-performance battery management
solution.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
BQ28Z610-R1
VSON (12)
4 mm × 2.5 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
4
5
6
7
8
11
12
PBI
VC2
VC1
SRN
SRP
VSS
TS1
SCL
SDA
PACK
3
2
1
9
10
CHG
DSG
100
100
MM3Z5V6C
100
100
10k
0.1 µF
1 µF
0.1 µF
2.2 µF
100
5
5.1 k
5.1 k
10 M
10 M
10
100
100
1 to 10 mΩ
Fuse
1 s
2 s
PWPD
13
MM3Z5V6C
Pack+
Pack–
Comm
Bus
Battery
cells
Copyright © 2016, Texas Instruments Incorporated
Simplified Schematic
Battery
Gauge
Charger
Boost Converter
MCU
Audio
Power Amp
Audio Processor
Pack Side
System Side
2
I C
Power
Copyright © 2017, Texas Instruments Incorporated
Wireless (Bluetooth®) Speaker Application
Block Diagram
BQ28Z610-R1
SLUSE07B – JANUARY 2020 – REVISED JANUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ28Z610-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28Z610-R1 TI1-BQ28Z610-R1 Datasheet
840Kb / 32P
BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
More results

Similar Description - BQ28Z610-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28Z610 TI1-BQ28Z610 Datasheet
1Mb / 36P
Impedance Track Gas Gauge and Protection Solution
BQ27750 TI1-BQ27750 Datasheet
1Mb / 34P
Impedance Track Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z561 TI1-BQ27Z561 Datasheet
908Kb / 24P
Impedance Track Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z561-R1 TI1-BQ27Z561-R1 Datasheet
492Kb / 24P
Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ27Z561-R1_1904 TI1-BQ27Z561-R1_1904 Datasheet
1Mb / 26P
Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ28Z610-R1 TI1-BQ28Z610-R1 Datasheet
840Kb / 32P
BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
BQ27Z561-R2 TI-BQ27Z561-R2 Datasheet
851Kb / 22P
BQ27Z561-R2 Impedance Track??Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z746 TI-BQ27Z746 Datasheet
1Mb / 30P
BQ27Z746 Impedance Track??Technology Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
SLUSDW2 ??NOVEMBER 2021
BQ28Z620 TI-BQ28Z620 Datasheet
1Mb / 39P
BQ28Z620 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
DECEMBER 2022
BQ27Z558 TI1-BQ27Z558 Datasheet
1Mb / 27P
BQ27Z558 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs, with 1.2-V IO Support
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com