Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610-R1 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ28Z610-R1
Description  BQ28Z610-R1 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ28Z610-R1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ28Z610-R1 Datasheet HTML 7Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 9Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 10Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 11Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 12Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 13Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 14Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
7.24 Current Protection Timing
Typical values stated where TA = 25°C and VCC = 7.2 V, Min/Max values stated where TA = –40°C to 85°C and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
tOCD
OCD detection delay
time
1
31
ms
ΔtOCD
OCD detection delay
time program step
2
ms
tSCC
SCC detection delay
time
0
915
µs
ΔtSCC
SCC detection delay
time program step
61
µs
tSCD1
SCD1 detection delay
time
PROTECTION_CONTROL[SCDDx2] = 0
0
915
µs
PROTECTION_CONTROL[SCDDx2] = 1
0
1850
ΔtSCD1
SCD1 detection delay
time program step
PROTECTION_CONTROL[SCDDx2] = 0
61
µs
PROTECTION_CONTROL[SCDDx2] = 1
121
tSCD2
SCD2 detection delay
time
PROTECTION_CONTROL[SCDDx2] = 0
0
458
µs
PROTECTION_CONTROL[SCDDx2] = 1
0
915
ΔtSCD2
SCD2 detection delay
time program step
PROTECTION_CONTROL[SCDDx2] = 0
30.5
µs
PROTECTION_CONTROL[SCDDx2] = 1
61
tDETECT
Current fault detect time
VSRP – VSRN = VT – 3 mV for OCD, SCD1, and SC2,
VSRP – VSRN = VT + 3 mV for SCC
160
µs
tACC
Current fault delay time
accuracy
Max delay setting
–10%
10%
7.25 N-CH FET Drive (CHG, DSG)
Typical values stated where TA = 25°C and VCC = 7.2 V, Min/Max values stated where TA = –40°C to 85°C and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX UNIT
Output voltage ratio
RatioDSG = (VDSG – VVC2)/VVC2, 2.2 V < VVC2 < 4.07 V, 10
MΩ between PACK and DSG
2.133
2.333
2.467
—
RatioCHG = (VCHG – VVC2)/VVC2, 2.2 V < VVC2 < 4.07 V, 10
MΩ between BAT and CHG
2.133
2.333
2.467
V(FETON)
Output voltage,
CHG and DSG on
VDSG(ON) = VDSG – VVC2, 4.07 V ≤ VVC2 ≤ 18 V, 10 MΩ
between PACK and DSG
8.75
9.5
10.25
V
VCHG(ON) = VCHG – VVC2, 4.07 V ≤ VVC2 ≤ 18 V, 10 MΩ
between VC2 and CHG
8.75
9.5
10.25
V(FETOFF)
Output voltage,
CHG and DSG off
VDSG(OFF) = VDSG – VPACK, 10 MΩ between PACK and
DSG
–0.4
0.4
V
VCHG(OFF) = VCHG – VBAT, 10 MΩ between VC2 and CHG
–0.4
0.4
tR
Rise time
VDSG from 0% to 35% VDSG (ON)(TYP), VBAT ≥ 2.2 V, CL =
4.7 nF between DSG and PACK, 5.1 kΩ between DSG
and CL, 10 MΩ between PACK and DSG
200
500
µs
VCHG from 0% to 35% VCHG (ON)(TYP), VVC2 ≥ 2.2 V, CL =
4.7 nF between CHG and VC2, 5.1 kΩ between CHG and
CL, 10 MΩ between VC2 and CHG
200
500
tF
Fall time
VDSG from VDSG(ON)(TYP) to 1 V, VVC2 ≥ 2.2 V, CL = 4.7 nF
between DSG and PACK, 5.1 kΩ between DSG and CL,
10 MΩ between PACK and DSG
40
300
µs
VCHG from VCHG(ON)(TYP) to 1 V, VVC2 ≥ 2.2 V, CL = 4.7 nF
between CHG and VC2, 5.1 kΩ between CHG and CL, 10
MΩ between VC2 and CHG
40
200
www.ti.com
BQ28Z610-R1
SLUSE07B – JANUARY 2020 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: BQ28Z610-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com