Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z610-R1 Datasheet(PDF) 27 Page - Texas Instruments

Part # BQ28Z610-R1
Description  BQ28Z610-R1 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ28Z610-R1 Datasheet(HTML) 27 Page - Texas Instruments

Back Button BQ28Z610-R1 Datasheet HTML 23Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 24Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 25Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 26Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 27Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 28Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 29Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 30Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
11 Layout
11.1 Layout Guidelines
• The layout for the high-current path begins at the PACK+ pin of the battery pack. As charge current
travels through the pack, it finds its way through protection FETs, a chemical fuse, the Li-ion cells and cell
connections, and the sense resistor, and then returns to the PACK– pin. In addition, some components are
placed across the PACK+ and PACK– pins to reduce effects from electrostatic discharge.
• The N-channel charge and discharge FETs must be selected for a given application. Most portable battery
applications are a good option for the CSD16412Q5A. These FETs are rated at 14-A, 25-V device with
Rds(on) of 11 mΩ when the gate drive voltage is 10 V. The gates of all protection FETs are pulled to the
source with a high-value resistor between the gate and source to ensure they are turned off if the gate drive
is open. The capacitors (both 0.1 µF values) placed across the FETs are to help protect the FETs during an
ESD event. The use of two devices ensures normal operation if one of them becomes shorted. For effective
ESD protection, the copper trace inductance of the capacitor leads must be designed to be as short and wide
as possible. Ensure that the voltage rating of both these capacitors is adequate to hold off the applied voltage
if one of the capacitors becomes shorted.
• The quality of the Kelvin connections at the sense resistor is critical. The sense resistor must have
a temperature coefficient no greater than 50 ppm in order to minimize current measurement drift with
temperature. Choose the value of the sense resistor to correspond to the available overcurrent and short-
circuit ranges of the BQ28Z610-R1. Select the smallest value possible in order to minimize the negative
voltage generated on the BQ28Z610-R1 VSS node(s) during a short circuit. This pin has an absolute
minimum of –0.3 V. Parallel resistors can be used as long as good Kelvin sensing is ensured. The device is
designed to support a 1-mΩ to 3-mΩ sense resistor.
• A pair of series 0.1-μF ceramic capacitors is placed across the PACK+ and PACK– pins to help in the
mitigation of external electrostatic discharges. The two devices in series ensure continued operation of the
pack if one of the capacitors becomes shorted. Optionally, a transorb such as the SMBJ2A can be placed
across the pins to further improve ESD immunity.
• In reference to the gas gauge circuit the following features require attention for component placement and
layout: Differential Low-Pass Filter, I2C communication, and PBI (Power Backup Input).
• The BQ28Z610-R1 uses an integrating delta-sigma ADC for current measurements. Add a 100-Ω resistor
from the sense resistor to the SRP and SRN inputs of the device. Place a 0.1-μF filter capacitor across the
SRP and SRN inputs. Optional 0.1-μF filter capacitors can be added for additional noise filtering for each
sense input pin to ground, if required for your circuit. Place all filter components as close as possible to the
device. Route the traces from the sense resistor in parallel to the filter circuit. Adding a ground plane around
the filter network can add additional noise immunity.
Sense
resistor
Ground
Shield
Filter Circuit
0.1 µF
0.1 µF
0.1 µF
100
100
0.001, 50 ppm
Figure 11-1. BQ28Z610-R1 Differential Filter
• The BQ28Z610-R1 has an internal LDO that is internally compensated and does not require an external
decoupling capacitor. The PBI pin is used as a power supply backup input pin, providing power during brief
transient power outages. A standard 2.2-μF ceramic capacitor is connected from the PBI pin to ground, as
shown in application example.
www.ti.com
BQ28Z610-R1
SLUSE07B – JANUARY 2020 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: BQ28Z610-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com