Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWSTR Datasheet (PDF) - STMicroelectronics

STA381BWSTR Datasheet PDF - STMicroelectronics
Part # STA381BWSTR
Download  STA381BWSTR Download
File Size   6479.89 Kbytes
Page   174 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sound Terminal 2.1-channel high-efficiency digital audio system

STA381BWSTR Datasheet (PDF)

Go To PDF Page Download Datasheet
STA381BWSTR Datasheet PDF - STMicroelectronics

Part # STA381BWSTR
Download  STA381BWSTR Click to download

File Size   6479.89 Kbytes
Page   174 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sound Terminal 2.1-channel high-efficiency digital audio system

STA381BWSTR Datasheet (HTML) - STMicroelectronics


STA381BWSTR Product details

Features
 Wide-range supply voltage
– 4.5 V to 25.5 V (operating range)
– 27 V (absolute maximum rating)
 I2C control with selectable device address
 Embedded full IC protection
– Manufacturing short-circuit protection (out
vs. gnd, out vs. vcc, out vs. out)
– Thermal protection
– Overcurrent protection
– Undervoltage protection
 1 Vrms stereo analog input
 I2S interface, sampling rate 32 kHz ~ 192 kHz,
with internal sampling frequency converter for
fixed processing frequency
 Three output power stage configurations
– 2.0 mode, L/R full bridges
– 2.1 mode, L/R two half-bridges, subwoofer
full bridge
– 2.1 mode, L/R full bridges, PWM output for
external subwoofer amplifier
 Driving load capabilities
– 2 x 20 W into 8  ternary modulation
– 2 x 9 W into 4 + 1 x 20 W into 8 
 FFXTM 100 dB dynamic range
 Fixed output PWM frequency at any input
sampling frequency
 Embedded RMS meter for measuring real-time
loudness
 Two analog outputs
– Selectable headphone / line out driver with
adjustable gain via external resistors
– New F3XTM analog output
 New fully programmable noise-gating function
 Headphone
– Embedded negative charge pump
– Full capless output configuration
– Driving load capabilities: 40 mW into 32 
 Line out
– 2 Vrms line output capability
 Up to 12 user-programmable biquads with
noise-shaping technology
 Direct access to coefficients through I2C
shadowing mechanism
 Fixed (88.2 kHz / 96 kHz) internal processing
sampling rate
 Two independent DRCs configurable as a
dual-band anticlipper or independent
limiters/compressors (B2DRC)
 Digital gain/att +48 dB to -80 dB with
0.125 dB/step resolution
 Independent (fade-in, fade-out) soft volume
update with programmable rate 48 ~ 1.5 dB/ms
 Bass/treble tones control
 Audio presets: 15 crossover filters,
5 anticlipping modes, nighttime listening mode
 STSpeakerSafeTM protection circuitry
– Pre- and post-processing DC blocking
filters
– Checksum engine for filter coefficients
– PWM fault self-diagnosis
 STCompressorTM dual-band DRC




Similar Part No. - STA381BWSTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA381BWS STMICROELECTRONICS-STA381BWS Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
20-Jul-2012
More results


Similar Description - STA381BWSTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA370BWS STMICROELECTRONICS-STA370BWS Datasheet
109Kb / 5P
2.1-channel 40-W high-efficiency digital audio system Sound Terminal?
10-Dec-2009
STA350BW STMICROELECTRONICS-STA350BW Datasheet
1Mb / 86P
Sound Terminal® 2.1-channel high-efficiency digital audio system
13-Apr-2012
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
Sound Terminal® 2.1-channel high-efficiency digital audio system
21-Jul-2011
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
04-Nov-2010
STA381BW STMICROELECTRONICS-STA381BW Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
03-Aug-2012
STA382BW STMICROELECTRONICS-STA382BW Datasheet
3Mb / 172P
Sound Terminal® 2.1-channel high-efficiency digital audio system
04-Apr-2012
STEVAL-CCA030V1 STMICROELECTRONICS-STEVAL-CCA030V1 Datasheet
274Kb / 4P
STA350BW Sound Terminal??2.1-channel high-efficiency digital audio system board
28-May-2012
STA381BWTR STMICROELECTRONICS-STA381BWTR Datasheet
6Mb / 174P
Sound Terminal® 2.1-channel high-efficiency digital audio system
17-May-2013
STA350B STMICROELECTRONICS-STA350B Datasheet
2Mb / 94P
2.1-channel high-efficiency digital audio system Sound TerminalR
07-Jun-2019
STA380BW STMICROELECTRONICS-STA380BW Datasheet
5Mb / 162P
Sound Terminal® 2.1-channel high-efficiency digital audio system
15-Apr-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com