Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529 Datasheet (PDF) - STMicroelectronics

STA529 Datasheet PDF - STMicroelectronics
Part # STA529
Download  STA529 Download
File Size   514.03 Kbytes
Page   57 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description FFX™ audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier

STA529 Datasheet (PDF)

Go To PDF Page Download Datasheet
STA529 Datasheet PDF - STMicroelectronics

Part # STA529
Download  STA529 Click to download

File Size   514.03 Kbytes
Page   57 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description FFX™ audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier

STA529 Datasheet (HTML) - STMicroelectronics


STA529 Product details

Features
■ Up to 96 dB dynamic range
■ Sample rates from 8 kHz to 192 kHz
■ FFX™ class-D driver
■ 1.55 V to 1.95 V digital power supply
■ 1.80 V to 3.60 V analog and I/O power supply
■ 18-bit audio processing and class-D FFX™
modulator
■ >90-dB SNR analog-to-digital converter
■ Digital volume control:
– +36 dB to -105 dB in 0.5-dB steps
– Software volume update
■ 16-bit ADC
■ Individual channel and master gain/attenuation
■ Automatic invalid input detect mute
■ 2-channel I2S input/output data interface
■ Digitally controlled pop-free operation
■ 90% efficiency
■ Output power for stereo headphones or stereo
speakers applications (at THD = 10% and
VCC = 3.3 V):
– 45 mW with 32-Ω headphones
– 85 mW with 16-Ω headphones
– 720 mW with 8-Ω speakers
– 1.1 W with 4-Ω speakers

Applications
■ Portable devices
– Laptops
– Digital cameras
– Microless applications




Similar Part No. - STA529

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA529 STMICROELECTRONICS-STA529 Datasheet
84Kb / 4P
2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
18-Dec-2006
STA529 STMICROELECTRONICS-STA529 Datasheet
506Kb / 58P
2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
10-Jan-2007
STA529B STMICROELECTRONICS-STA529B Datasheet
84Kb / 4P
2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
18-Dec-2006
STA529B STMICROELECTRONICS-STA529B Datasheet
506Kb / 58P
2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
10-Jan-2007
STA529Q STMICROELECTRONICS-STA529Q Datasheet
84Kb / 4P
2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
18-Dec-2006
More results


Similar Description - STA529

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
logo
STMicroelectronics
STA529 STMICROELECTRONICS-STA529 Datasheet
84Kb / 4P
2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
18-Dec-2006
STA538 STMICROELECTRONICS-STA538 Datasheet
510Kb / 59P
2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
25-Jan-2007
STA330 STMICROELECTRONICS-STA330 Datasheet
832Kb / 55P
2.0 digital audio processor with FFX digital modulator and analog and digital inputs
12-Dec-2007
STA529 STMICROELECTRONICS-STA529_07 Datasheet
506Kb / 58P
2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
10-Jan-2007
STA529 STMICROELECTRONICS-STA529_12 Datasheet
515Kb / 57P
FFX??audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
30-Mar-2012
logo
International Rectifier
IRAUDAMP4A IRF-IRAUDAMP4A_15 Datasheet
1Mb / 44P
120 W x 2 Channel Class D Audio Power Amplifier
logo
Texas Instruments
TAS5755M TI1-TAS5755M Datasheet
1Mb / 76P
2 x 50-W or 2 x 19-W1 x 50-W Digital Input Audio Amplifier With Equalizer, 2- Band DRC, And License-Free 3D Effect
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com