Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA559BW Datasheet (PDF) - STMicroelectronics

STA559BW Datasheet PDF - STMicroelectronics
Part # STA559BW_V01
Download  STA559BW Download
File Size   1212.93 Kbytes
Page   67 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V, 2 A, 2.1 channel high-efficiency digital audio system Sound Terminal

STA559BW Datasheet (PDF)

Go To PDF Page Download Datasheet
STA559BW Datasheet PDF - STMicroelectronics

Part # STA559BW_V01
Download  STA559BW Click to download

File Size   1212.93 Kbytes
Page   67 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V, 2 A, 2.1 channel high-efficiency digital audio system Sound Terminal

STA559BW Datasheet (HTML) - STMicroelectronics


STA559BW Product details

Features
 Wide-range supply voltage, 4.5 V to 16 V
 Three power output configurations:
– 2 channels of ternary PWM (2 x 3 W into
4  at 5 V) + PWM output
– 2 channels of ternary PWM (2 x 3 W into
4  at 5 V) + ternary stereo line-out
– 2.1 channels of binary PWM (left, right,
LFE) (2 x 0.7 W + 1 x 3 W into 4  at 5 V)
(2 x 1.4 W + 1 x 6 W into 2  at 5 V)
 FFX with 100-dB SNR and dynamic range
 Selectable 32- to 192-kHz input sample rates
 I²C control with selectable device address
 Digital gain/attenuation +48 dB to -80 dB with
0.5-dB/step resolution
 Soft volume update
 Individual channel and master gain/attenuation
 Two independent limiters/compressors
 Dynamic range compression or anti-clipping
modes
 Audio presets:
– 15 preset crossover filters
– 5 preset anti-clipping modes
– Preset night-time listening mode
 Individual channel soft/hard mute
 Independent channel volume and DSP bypass
 2-channel I²S input data interface
 Input and output channel mapping
 Automatic invalid-input detect Mute
 Automatic zero-detect mute
 Up to 4 user-programmable biquads/channel
 Three coefficients banks for EQ presets storing
with fast recall via I²C interface
 Bass/treble tones and de-emphasis control
 Selectable high-pass filter for DC blocking
 Advanced AM interference frequency
switching and noise suppression modes
 Selectable high- or low-bandwidth
noise-shaping topologies
 Selectable clock input ratio
 Thermal overload and short-circuit protection
embedded
 Video apps: 576 x fS input mode supported




Similar Part No. - STA559BW_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA559BWQS STMICROELECTRONICS-STA559BWQS Datasheet
808Kb / 66P
5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD
28-Mar-2008
STA559BWQS13TR STMICROELECTRONICS-STA559BWQS13TR Datasheet
808Kb / 66P
5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD
28-Mar-2008
More results


Similar Description - STA559BW_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA370BWS STMICROELECTRONICS-STA370BWS Datasheet
109Kb / 5P
2.1-channel 40-W high-efficiency digital audio system Sound Terminal?
10-Dec-2009
STA333W STMICROELECTRONICS-STA333W_10 Datasheet
1Mb / 49P
2-channel high-efficiency digital audio system Sound Terminal?
21-Jan-2010
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
Sound Terminal® 2.1-channel high-efficiency digital audio system
21-Jul-2011
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
04-Nov-2010
STA381BW STMICROELECTRONICS-STA381BW Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
03-Aug-2012
STA382BW STMICROELECTRONICS-STA382BW Datasheet
3Mb / 172P
Sound Terminal® 2.1-channel high-efficiency digital audio system
04-Apr-2012
STEVAL-CCA030V1 STMICROELECTRONICS-STEVAL-CCA030V1 Datasheet
274Kb / 4P
STA350BW Sound Terminal??2.1-channel high-efficiency digital audio system board
28-May-2012
STA381BWTR STMICROELECTRONICS-STA381BWTR Datasheet
6Mb / 174P
Sound Terminal® 2.1-channel high-efficiency digital audio system
17-May-2013
STA350B STMICROELECTRONICS-STA350B Datasheet
2Mb / 94P
2.1-channel high-efficiency digital audio system Sound TerminalR
07-Jun-2019
STA380BW STMICROELECTRONICS-STA380BW Datasheet
5Mb / 162P
Sound Terminal® 2.1-channel high-efficiency digital audio system
15-Apr-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com