Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATQ217SLX Datasheet (PDF) - Panasonic Semiconductor

ATQ217SLX Datasheet PDF - Panasonic Semiconductor
Part # ATQ217SLX
Download  ATQ217SLX Download
File Size   600.42 Kbytes
Page   22 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Signal Relays ( 2 A or less )

ATQ217SLX Datasheet (PDF)

Go To PDF Page Download Datasheet
ATQ217SLX Datasheet PDF - Panasonic Semiconductor

Part # ATQ217SLX
Download  ATQ217SLX Click to download

File Size   600.42 Kbytes
Page   22 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Signal Relays ( 2 A or less )

ATQ217SLX Datasheet (HTML) - Panasonic Semiconductor


ATQ217SLX Product details

FEATURES
● 3 types of terminal shapes: PC board terminal ( standard/self-clinching terminal ) Surface-mount terminal
● Confort to FCC Part68: Surge withstand voltage 1,500 V ( between open contacts )
● M.B.B. contact available
● Surface-mount terminal conform to JIS C0806 standard

TYPICAL APPLICATIONS
● Telecommunications and measurement equipment
● Telephone related equipment
● OA equipment
● Industrial machines




Similar Part No. - ATQ217SLX

ManufacturerPart #DatasheetDescription
logo
Mersen
ATQ2 MERSEN-ATQ2 Datasheet
99Kb / 1P
Time-Delay Midget Fuses
ATQ2-1/2 MERSEN-ATQ2-1/2 Datasheet
99Kb / 1P
Time-Delay Midget Fuses
ATQ2-1/4 MERSEN-ATQ2-1/4 Datasheet
99Kb / 1P
Time-Delay Midget Fuses
ATQ2-1/8 MERSEN-ATQ2-1/8 Datasheet
99Kb / 1P
Time-Delay Midget Fuses
ATQ2-8/10 MERSEN-ATQ2-8/10 Datasheet
99Kb / 1P
Time-Delay Midget Fuses
More results


Similar Description - ATQ217SLX

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-16F KSS-CX-16F Datasheet
164Kb / 1P
Compact, thickness 1.6mm or less.
logo
Hirose Electric
BM10B-44DP-0.4V HIROSE-BM10B-44DP-0.4V Datasheet
216Kb / 3P
CONTACT RESISTANCE: 20mV AC OR LESS 1khz, 1m A.
BM10B-50DP-0.4V HIROSE-BM10B-50DP-0.4V Datasheet
227Kb / 3P
CONTACT RESISTANCE: 20mV AC OR LESS 1khz, 1m A.
BM10B-10DP-0.4V HIROSE-BM10B-10DP-0.4V Datasheet
185Kb / 3P
CONTACT RESISTANCE: 20mV AC OR LESS 1khz, 1m A.
logo
Tyco Electronics
9-1462038-9 MACOM-9-1462038-9 Datasheet
3Mb / 7P
Signal Relays
V23079A1005B301 MACOM-V23079A1005B301 Datasheet
2Mb / 8P
Signal Relays
4-1393789-5 MACOM-4-1393789-5 Datasheet
1Mb / 8P
Signal Relays
logo
TE Connectivity Ltd
IM-B TEC-IM-B Datasheet
2Mb / 4P
Signal Relays
logo
Kemet Corporation
EC2-5NU KEMET-EC2-5NU Datasheet
86Kb / 1P
Relays, Signal, EC2
logo
List of Unclassifed Man...
HRA ETC1-HRA Datasheet
400Kb / 3P
Signal Relays
29/06/20
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com