Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX-16F Datasheet (PDF) - Kyocera Kinseki Corpotation

CX-16F Datasheet PDF - Kyocera Kinseki Corpotation
Part # CX-16F
Download  CX-16F Download
File Size   164.09 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description Compact, thickness 1.6mm or less.

CX-16F Datasheet (PDF)

Go To PDF Page Download Datasheet
CX-16F Datasheet PDF - Kyocera Kinseki Corpotation

Part # CX-16F
Download  CX-16F Click to download

File Size   164.09 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description Compact, thickness 1.6mm or less.

CX-16F Datasheet (HTML) - Kyocera Kinseki Corpotation


CX-16F Product details

SMD

■ Features
● Compact, thickness 1.6mm or less.
● Leadless, ceramic package.
● Automatic mounting.
● Emboss taping specification.
● Re-flow soldering.
● Low cost.
● The oscillation circuit can obtain sufficient output at the inverter stage.




Similar Part No. - CX-16F

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
CX-16 FLEXTRAL-CX-16 Datasheet
1Mb / 1P
CX SIX SPIRAL HOSE
V04.21
logo
CUI INC
CX-1606C CUI-CX-1606C Datasheet
424Kb / 4P
Magnetic buzzer
CX-1606C CUI-CX-1606C Datasheet
271Kb / 3P
MAGNETIC BUZZER INDICATOR
01/14/2020
logo
CUI Devices
CX-1606C CUID-CX-1606C Datasheet
253Kb / 3P
MAGNETIC BUZZER INDICATOR
08/05/2022
logo
CUI INC
CX-1606C CUI-CX-1606C_V01 Datasheet
271Kb / 3P
MAGNETIC BUZZER INDICATOR
01/14/2020
More results


Similar Description - CX-16F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-53F KSS-CX-53F Datasheet
172Kb / 1P
Ultra-thin, thickness 1.1mm or less.
CX-91F KSS-CX-91F Datasheet
148Kb / 1P
Ultrathin thickness 1.2mm or less. (6.0횞3.7횞1.0mm)
CX-96F KSS-CX-96F Datasheet
160Kb / 1P
Ultrathin thickness 0.8mm or less. (4.9횞3.1횞0.7mm)
logo
Kingbright Corporation
AP3216F3C KINGBRIGHT-AP3216F3C Datasheet
132Kb / 5P
3.2mm x 1.6mm SMT LED, 1.1mm Thickness
logo
Sharp Corporation
GP1S95J0000F SHARP-GP1S95J0000F Datasheet
138Kb / 10P
Gap : 1.6mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
logo
Japan Aviation Electron...
MX38002NQ4 JAE-MX38002NQ4 Datasheet
174Kb / 1P
APPLICABLE PRINTED CIRCUIT BOARD : THICKNESS 1.6mm
logo
Rohm
BA6950FS ROHM-BA6950FS_11 Datasheet
307Kb / 11P
0.5A or Less Reversible Motor Driver (Single Motor)
BH6578FVM ROHM-BH6578FVM_11 Datasheet
253Kb / 9P
0.5A or Less Reversible Motor Drivers (Single Moter)
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
0.5A or Less Reversible Motor Drivers (Single Moter)
logo
SHINMEI ELECTRIC CO., L...
TSW-10 SHINMEI-TSW-10 Datasheet
272Kb / 5P
Body Height 1.6mm, Compact-sized Multifunction Type Tactile Body Height 1.6mm, Compact-sized Multifunction Type Tactile
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com