Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX-16F Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CX-16F
Description  Compact, thickness 1.6mm or less.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX-16F Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX-16F Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CX-16F
SMD
sFeatures
¡Compact, thickness 1.6mm or less.
¡Leadless, ceramic package.
¡Automatic mounting.
¡Emboss taping specification.
¡Re-flow soldering.
¡Low cost.
¡The oscillation circuit can obtain sufficient output at the inverter stage.
sSpecifications
sTable 1 Standard Frequencies
sOutline
Type
CX-16F
Frequency Range
12~30MHz
30.1~50MHz
30.1~70MHz
Standard Frequency
Table 1
Overtone mode
Fundamental
3rd. O.T.
Operating Temp. Range
-10~+70
:
Storage Temp. Range
-30~+85
:
at 25
:
±50, ±100
Over The Oper.
Temp. Range
10~55Hz, amplitude 1.5mm, each to 3 directions,
30 minutes each
Frequency
Tolerance
Shock
Three drops onto a hard wood board from the height of 75cm
Vibration
Load Capacitance
12pF *1
Equivalent Series Resistance
50
Ω MAX.
150
Ω MAX.
±50, ±100×10-6
±100×10-6
±50, ±100×10-6
*1 Please inquire about load capacitance other than the above.
* Taping packaging : 1,000 or 3,000 pieces per reel
(referred to 25
:)
Standard Frequency (MHz)
12.0000
27.0000
13.5000
29.4912
14.31818
30.0000
14.7456
32.0000
15.0000
33.0000
16.0000
33.3333
16.9344
33.8688
17.7344
36.0000
18.0000
39.3216
18.4320
40.0000
19.6608
40.3200
20.0000
48.0000
22.1184
49.1520
23.0400
50.0000
24.0000
60.0000
24.5760
66.6670
25.0000
sLand Pattern(reference)
8.0
±0.3
CONNECTION
5.0
1.5
4.2
9.0
Dimensions(mm)
CX-16F


Similar Part No. - CX-16F

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
CX-16 FLEXTRAL-CX-16 Datasheet
1Mb / 1P
CX SIX SPIRAL HOSE
V04.21
logo
CUI INC
CX-1606C CUI-CX-1606C Datasheet
424Kb / 4P
Magnetic buzzer
CX-1606C CUI-CX-1606C Datasheet
271Kb / 3P
MAGNETIC BUZZER INDICATOR
01/14/2020
logo
CUI Devices
CX-1606C CUID-CX-1606C Datasheet
253Kb / 3P
MAGNETIC BUZZER INDICATOR
08/05/2022
logo
CUI INC
CX-1606C CUI-CX-1606C_V01 Datasheet
271Kb / 3P
MAGNETIC BUZZER INDICATOR
01/14/2020
More results

Similar Description - CX-16F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-53F KSS-CX-53F Datasheet
172Kb / 1P
Ultra-thin, thickness 1.1mm or less.
CX-91F KSS-CX-91F Datasheet
148Kb / 1P
Ultrathin thickness 1.2mm or less. (6.0횞3.7횞1.0mm)
CX-96F KSS-CX-96F Datasheet
160Kb / 1P
Ultrathin thickness 0.8mm or less. (4.9횞3.1횞0.7mm)
logo
Kingbright Corporation
AP3216F3C KINGBRIGHT-AP3216F3C Datasheet
132Kb / 5P
3.2mm x 1.6mm SMT LED, 1.1mm Thickness
logo
Sharp Corporation
GP1S95J0000F SHARP-GP1S95J0000F Datasheet
138Kb / 10P
Gap : 1.6mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
logo
Japan Aviation Electron...
MX38002NQ4 JAE-MX38002NQ4 Datasheet
174Kb / 1P
APPLICABLE PRINTED CIRCUIT BOARD : THICKNESS 1.6mm
logo
Rohm
BA6950FS ROHM-BA6950FS_11 Datasheet
307Kb / 11P
0.5A or Less Reversible Motor Driver (Single Motor)
BH6578FVM ROHM-BH6578FVM_11 Datasheet
253Kb / 9P
0.5A or Less Reversible Motor Drivers (Single Moter)
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
0.5A or Less Reversible Motor Drivers (Single Moter)
logo
SHINMEI ELECTRIC CO., L...
TSW-10 SHINMEI-TSW-10 Datasheet
272Kb / 5P
Body Height 1.6mm, Compact-sized Multifunction Type Tactile Body Height 1.6mm, Compact-sized Multifunction Type Tactile
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com