Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX-91F Datasheet (PDF) - Kyocera Kinseki Corpotation

CX-91F Datasheet PDF - Kyocera Kinseki Corpotation
Part # CX-91F
Download  CX-91F Download
File Size   148.04 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description Ultrathin thickness 1.2mm or less. (6.0횞3.7횞1.0mm)

CX-91F Datasheet (PDF)

Go To PDF Page Download Datasheet
CX-91F Datasheet PDF - Kyocera Kinseki Corpotation

Part # CX-91F
Download  CX-91F Click to download

File Size   148.04 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description Ultrathin thickness 1.2mm or less. (6.0횞3.7횞1.0mm)

CX-91F Datasheet (HTML) - Kyocera Kinseki Corpotation


CX-91F Product details

■Features

Ultrathin thickness 1.2mm or less. (6.0×3.7×1.0mm)

It is a completely sealed type with a metal case sealed on a ceramic board.

Because it is the leadless type, automatic mounting is possible.

High resolution frequency tolerance is obtained.

Reflow is possible.




Similar Part No. - CX-91F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-96 KSS-CX-96 Datasheet
160Kb / 1P
Ultrathin thickness 0.8mm or less. (4.9횞3.1횞0.7mm)
CX-96F KSS-CX-96F Datasheet
160Kb / 1P
Ultrathin thickness 0.8mm or less. (4.9횞3.1횞0.7mm)
More results


Similar Description - CX-91F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-16F KSS-CX-16F Datasheet
164Kb / 1P
Compact, thickness 1.6mm or less.
CX-53F KSS-CX-53F Datasheet
172Kb / 1P
Ultra-thin, thickness 1.1mm or less.
CX-96F KSS-CX-96F Datasheet
160Kb / 1P
Ultrathin thickness 0.8mm or less. (4.9횞3.1횞0.7mm)
logo
Cree, Inc
CXXXUT230-S0100 CREE-CXXXUT230-S0100 Datasheet
224Kb / 4P
UltraThin™ LEDs
CXXXUT230-S0002 CREE-CXXXUT230-S0002 Datasheet
245Kb / 4P
UltraThin™ LEDs
C460UT230-0101 CREE-C460UT230-0101 Datasheet
269Kb / 4P
UltraThin LEDs
C460UT230-0105 CREE-C460UT230-0105 Datasheet
269Kb / 4P
UltraThin LEDs
logo
BetLux Electronics
BL-LS3014A0S1 BETLUX-BL-LS3014A0S1 Datasheet
274Kb / 4P
3.0mmx1.4mm SMD, 1.2mm THICKNESS PLCC2 package
REV NO: V.4
BL-LS3806A0S1 BETLUX-BL-LS3806A0S1 Datasheet
366Kb / 8P
3.8mmx0.6mm SMD, 1.2mm THICKNESS side emitting
REV NO: V.4
logo
Linear Technology
LTM4631 LINER-LTM4631 Datasheet
975Kb / 34P
Ultrathin Dual 10A or Single 20A DC/DC 關Module Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com