Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX-91F Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CX-91F
Description  Ultrathin thickness 1.2mm or less. (6.0횞3.7횞1.0mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX-91F Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX-91F Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CX-91F
SMD
sFeatures
¡Ultrathin thickness 1.2mm or less. (6.0
×3.7×1.0mm)
¡It is a completely sealed type with a metal case sealed on a
ceramic board.
¡Because it is the leadless type, automatic mounting is possible.
¡High resolution frequency tolerance is obtained.
¡Reflow is possible.
sSpecifications
sOutline
sLand Pattern(reference)
Type
Frequency Range
Standard Frequency
Frequency Tolerance (at 25
:)
Frequency Tolerance Over The Oper.
Temp. Range
Equivalent Series Resistance
Shunt Capacitance
Drive Level
Aging
Shock
11~110MHz *1
Table 1
±10, ±15, ±20×10-6
11~40MHz (Fund.)
40~100MHz (3rd O.T.)
90~110MHz (5th O.T.)
7pF MAX.
0.1mW MAX.
∆ F/F : ±2.0×10-6 MAX.
∆ F/F : ±2.0×10-6
CX-91F
Table 2 (referred to 25
:)
50
ΩMAX.
60
ΩMAX.
80
ΩMAX.
Height
Dummy
Times
: 120cm
: 70g
: 3side
×3times
hard wood
*1 Please indicate the degree of overtone.
*One unit 1000 pcs or 5000 pcs
sTable 1 Standard Frequencies
Frequency (MHz)
Frequency (MHz)
12.000
12.800
13.000
14.400
16.000
19.200
26.000
32.000
48.000
sTable 2
Frequency Tolerance vs. Temperature Range
±3
Temperature Range (
:)
0~+50
-10~+50
-10~+60
-40~+85
Frequency Tolerance
(
×10-6)
±4
±5
±10
±20
6.0
±0.2
4-R0.3
CONNECTION
(TOP VIEW)
3.4
1.3
GND
HOT
HOT
GND
2.85
8.00
Dimensions(mm)
CX-91F


Similar Part No. - CX-91F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-96 KSS-CX-96 Datasheet
160Kb / 1P
Ultrathin thickness 0.8mm or less. (4.9횞3.1횞0.7mm)
CX-96F KSS-CX-96F Datasheet
160Kb / 1P
Ultrathin thickness 0.8mm or less. (4.9횞3.1횞0.7mm)
More results

Similar Description - CX-91F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-16F KSS-CX-16F Datasheet
164Kb / 1P
Compact, thickness 1.6mm or less.
CX-53F KSS-CX-53F Datasheet
172Kb / 1P
Ultra-thin, thickness 1.1mm or less.
CX-96F KSS-CX-96F Datasheet
160Kb / 1P
Ultrathin thickness 0.8mm or less. (4.9횞3.1횞0.7mm)
logo
Cree, Inc
CXXXUT230-S0100 CREE-CXXXUT230-S0100 Datasheet
224Kb / 4P
UltraThin™ LEDs
CXXXUT230-S0002 CREE-CXXXUT230-S0002 Datasheet
245Kb / 4P
UltraThin™ LEDs
C460UT230-0101 CREE-C460UT230-0101 Datasheet
269Kb / 4P
UltraThin LEDs
C460UT230-0105 CREE-C460UT230-0105 Datasheet
269Kb / 4P
UltraThin LEDs
logo
BetLux Electronics
BL-LS3014A0S1 BETLUX-BL-LS3014A0S1 Datasheet
274Kb / 4P
3.0mmx1.4mm SMD, 1.2mm THICKNESS PLCC2 package
REV NO: V.4
BL-LS3806A0S1 BETLUX-BL-LS3806A0S1 Datasheet
366Kb / 8P
3.8mmx0.6mm SMD, 1.2mm THICKNESS side emitting
REV NO: V.4
logo
Linear Technology
LTM4631 LINER-LTM4631 Datasheet
975Kb / 34P
Ultrathin Dual 10A or Single 20A DC/DC 關Module Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com