Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1350 Datasheet (PDF) - Texas Instruments

CC1350 Datasheet PDF - Texas Instruments
Part # CC1350
Download  CC1350 Download
File Size   3415.82 Kbytes
Page   76 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC1350 SimpleLink™ Ultra-Low-Power Dual-Band Wireless MCU

CC1350 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC1350 Datasheet PDF - Texas Instruments

Part # CC1350
Download  CC1350 Click to download

File Size   3415.82 Kbytes
Page   76 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC1350 SimpleLink™ Ultra-Low-Power Dual-Band Wireless MCU

CC1350 Datasheet (HTML) - Texas Instruments


CC1350 Product details

1.1 Features 1
• World's First Dual-Band (Sub-1 GHz and 2.4 GHz)
Wireless Microcontroller
• Microcontroller
– Powerful Arm® Cortex®-M3 Processor
– EEMBC CoreMark® Score: 142
– EEMBC ULPBench™ Score: 158
– Clock Speed up to 48-MHz
– 128KB of In-System Programmable Flash
– 8KB of SRAM for Cache
(or as General-Purpose RAM)
– 20KB of Ultra-Low-Leakage SRAM
– 2-Pin cJTAG and JTAG Debugging
– Supports Over-the-Air (OTA) Update
• Ultra-Low-Power Sensor Controller
– Can Run Autonomously From the Rest of the
System
– 16-Bit Architecture
– 2KB of Ultra-Low-Leakage SRAM for Code and
Data
• Efficient Code-Size Architecture, Placing Parts of
TI-RTOS, Drivers, Bluetooth® low energy
Controller and Bootloader in ROM
• RoHS-Compliant Package
– 7-mm × 7-mm RGZ VQFN48 (30 GPIOs)
– 5-mm × 5-mm RHB VQFN32 (15 GPIOs)
– 4-mm × 4-mm RSM VQFN32 (10 GPIOs)
• Peripherals
– All Digital Peripheral Pins Can Be Routed to
Any GPIO
– Four General-Purpose Timer Modules
(Eight 16-Bit or Four 32-Bit Timers, PWM Each)
– 12-Bit ADC, 200 ksamples/s, 8-Channel Analog
MUX
– Continuous Time Comparator
– Ultra-Low-Power Clocked Comparator
– Programmable Current Source
– UART
– 2× SSI (SPI, MICROWIRE, TI)
– I2C, I2S
– Real-Time Clock (RTC)
– AES-128 Security Module
– True Random Number Generator (TRNG)
– Support for Eight Capacitive Sensing Buttons
– Integrated Temperature Sensor
SPACER
• External System
– On-Chip Internal DC/DC Converter
– Seamless Integration With the SimpleLink™
CC1190 and CC2592 Range Extender
• Low Power
– Wide Supply Voltage Range: 1.8 to 3.8 V
– RX: 5.4 mA (Sub-1 GHz), 6.4 mA (Bluetooth low
energy, 2.4 GHz)
– TX at +10 dBm: 13.4 mA (Sub-1 GHz)
– TX at +9 dBm: 22.3 mA (Bluetooth low energy,
2.4 GHz)
– TX at +0 dBm: 10.5 mA (Bluetooth low energy,
2.4 GHz)
– Active-Mode MCU 48 MHz Running Coremark:
2.5 mA (51 μA/MHz)
– Active-Mode MCU: 48.5 CoreMark/mA
– Active-Mode Sensor Controller at 24 MHz:
0.4 mA + 8.2 μA/MHz
– Sensor Controller, One Wakeup Every Second
Performing One 12-Bit ADC Sampling: 0.95 μA
– Standby: 0.7 μA (RTC Running and RAM and
CPU Retention)
– Shutdown: 185 nA (Wakeup on External Events)
• RF Section
– 2.4-GHz RF Transceiver Compatible With
Bluetooth low energy 4.2 Specification
– Excellent Receiver Sensitivity –124 dBm Using
Long-Range Mode, –110 dBm at 50 kbps
(Sub-1 GHz),
–87 dBm at Bluetooth low energy
– Excellent Selectivity (±100 kHz): 56 dB
– Excellent Blocking Performance (±10 MHz):
90 dB
– Programmable Output Power up to +15 dBm
(Sub-1 GHz) and +9 dBm at 2.4 GHz (Bluetooth
low energy)
– Single-Ended or Differential RF Interface
– Suitable for Systems Targeting Compliance With
Worldwide Radio Frequency Regulations
– ETSI EN 300 220, EN 303 204 (Europe)
– EN 300 440 Class 2 (Europe)
– EN 300 328 (Europe)
– FCC CFR47 Part 15 (US)
– ARIB STD-T66 (Japan)
– ARIB STD-T108 (Japan)
– Wireless M-Bus (EN 13757-4) and IEEE®
802.15.4g PHY
• Tools and Development Environment
– Full-Feature and Low-Cost Development Kits
– Multiple Reference Designs for Different RF
Configurations
– Packet Sniffer PC Software
– Sensor Controller Studio
– SmartRF™ Studio
– SmartRF Flash Programmer 2
– IAR Embedded Workbench® for Arm
– Code Composer Studio™ (CCS) IDE
– CCS UniFlash

1.2 Applications
• 315-, 433-, 470-, 500-, 779-, 868-, 915-,
920-MHz and 2.4-GHz ISM and SRD Systems
• Low-Power Wireless Systems
With 50-kHz to 5-MHz Channel Spacing
• Home and Building Automation
• Wireless Alarm and Security Systems
• Industrial Monitoring and Control
• Bluetooth low energy Beacon Management
• Bluetooth low energy Commissioning
• Smart Grid and Automatic Meter Reading
• Wireless Healthcare Applications
• Wireless Sensor Networks
• Active RFID
• IEEE 802.15.4g, IP-Enabled Smart Objects
(6LoWPAN), Wireless M-Bus, KNX Systems,
Wi-SUN™, and Proprietary Systems
• Energy-Harvesting Applications
• Electronic Shelf Label (ESL)
• Long-Range Sensor Applications
• Heat-Cost Allocators

1.3 Description
The CC1350 device is a cost-effective, ultra-low-power, dual-band RF device from Texas Instruments™
that is part of the SimpleLink™ microcontroller (MCU) platform. The platform consists of Wi-Fi®, Bluetooth®
low energy, Sub-1 GHz, Ethernet, Zigbee®, Thread, and host MCUs. These devices all share a common,
easy-to-use development environment with a single core software development kit (SDK) and a rich tool
set. A one-time integration of the SimpleLink platform enables users to add any combination of devices
from the portfolio into their design, allowing 100 percent code reuse when design requirements change.
For more information, visit www.ti.com/simplelink.
With very low active RF and MCU current consumption, in addition to flexible low-power modes, the
device provides excellent battery life and allows long-range operation on small coin-cell batteries and in
energy harvesting applications.
The CC1350 is a device in the CC13xx and CC26xx family of cost-effective, ultra-low-power wireless
MCUs capable of handling both Sub-1 GHz and 2.4-GHz RF frequencies. The CC1350 device combines a
flexible, very low-power RF transceiver with a powerful 48-MHz Arm® Cortex®-M3 microcontroller in a
platform supporting multiple physical layers and RF standards. A dedicated Radio Controller (Cortex®-M0)
handles low-level RF protocol commands that are stored in ROM or RAM, thus ensuring ultra-low power
and flexibility to handle both Sub-1 GHz protocols and 2.4 GHz protocols (for example Bluetooth low
energy). This enables the combination of a Sub-1 GHz communication solution that offers the best
possible RF range together with a Bluetooth low energy smartphone connection that enables great user
experience through a phone application. The Sub-1 GHz only device in this family is the CC1310.
The CC1350 device is a highly integrated, true single-chip solution incorporating a complete RF system
and an on-chip DC/DC converter.
Sensors can be handled in a very low-power manner by a dedicated autonomous ultra-low-power MCU
that can be configured to handle analog and digital sensors; thus the main MCU (Arm® Cortex®-M3) can
maximize sleep time.
The power and clock management and radio systems of the CC1350 device require specific configuration
and handling by software to operate correctly, which has been implemented in the TI-RTOS. TI
recommends using this software framework for all application development on the device. The complete
TI-RTOS and device drivers are offered free of charge in source code.




Similar Part No. - CC1350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1350 TI1-CC1350 Datasheet
799Kb / 52P
SimpleLink Ultra-Low-Power Dual-Band Wireless MCU
CC1350 TI1-CC1350 Datasheet
1,003Kb / 61P
SimpleLink Ultra-Low-Power Dual-Band Wireless MCU
CC1350 TI2-CC1350 Datasheet
3Mb / 72P
CC1310 SimpleLink™ Ultra-Low-Power Sub-1 GHz Wireless MCU
REVISED JULY 2018
CC1350 TI2-CC1350 Datasheet
2Mb / 79P
CC1312R SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
REVISED NOVEMBER 2020
CC1350F128RGZ TI1-CC1350F128RGZ Datasheet
1,003Kb / 61P
SimpleLink Ultra-Low-Power Dual-Band Wireless MCU
More results


Similar Description - CC1350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1310 TI-CC1310_15 Datasheet
662Kb / 46P
CC1310 SimpleLink Ultra-Low Power Sub-1 GHz Wireless MCU
CC1350 TI1-CC1350 Datasheet
799Kb / 52P
SimpleLink Ultra-Low-Power Dual-Band Wireless MCU
CC1350 TI1-CC1350_16 Datasheet
1,003Kb / 61P
SimpleLink Ultra-Low-Power Dual-Band Wireless MCU
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
SimpleLink Bluetooth low energy Wireless MCU
CC1352R TI1-CC1352R Datasheet
1Mb / 54P
SimpleLink High-Performance Dual-Band Wireless MCU
CC1352P TI1-CC1352P Datasheet
499Kb / 59P
SimpleLink High-Performance Dual-Band Wireless MCU With Integrated Power Amplifier
CC1352P TI1-CC1352P_18 Datasheet
502Kb / 60P
SimpleLink High-Performance Dual-Band Wireless MCU With Integrated Power Amplifier
CC3235MODS TI1-CC3235MODS_V01 Datasheet
2Mb / 106P
CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODAS TI1-CC3235MODAS Datasheet
2Mb / 100P
CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC1354R10 TI1-CC1354R10 Datasheet
3Mb / 87P
CC1354R10 SimpleLink™ High-Performance Multi-Band Wireless MCU
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com