Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1350 Datasheet (PDF) - Texas Instruments

CC1350 Datasheet PDF - Texas Instruments
Part # CC1350
Download  CC1350 Download
File Size   3335.12 Kbytes
Page   72 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC1310 SimpleLink™ Ultra-Low-Power Sub-1 GHz Wireless MCU

CC1350 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC1350 Datasheet PDF - Texas Instruments

Part # CC1350
Download  CC1350 Click to download

File Size   3335.12 Kbytes
Page   72 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC1310 SimpleLink™ Ultra-Low-Power Sub-1 GHz Wireless MCU

CC1350 Datasheet (HTML) - Texas Instruments


CC1350 Product details

1.1 Features 1
• Microcontroller
– Powerful Arm® Cortex®-M3 Processor
– EEMBC CoreMark® Score: 142
– EEMBC ULPBench™ Score: 158
– Clock Speed up to 48-MHz
– 32KB, 64KB, and 128KB of In-System
Programmable Flash
– 8KB of SRAM for Cache
(or as General-Purpose RAM)
– 20KB of Ultra-Low-Leakage SRAM
– 2-Pin cJTAG and JTAG Debugging
– Supports Over-the-Air (OTA) Update
• Ultra-Low-Power Sensor Controller
– Can Run Autonomously From the Rest of the
System
– 16-Bit Architecture
– 2KB of Ultra-Low-Leakage SRAM for Code and
Data
• Efficient Code-Size Architecture, Placing Parts of
TI-RTOS, Drivers, and Bootloader in ROM
• RoHS-Compliant Package
– 7-mm × 7-mm RGZ VQFN48 (30 GPIOs)
– 5-mm × 5-mm RHB VQFN32 (15 GPIOs)
– 4-mm × 4-mm RSM VQFN32 (10 GPIOs)
• Peripherals
– All Digital Peripheral Pins Can Be Routed to
Any GPIO
– Four General-Purpose Timer Modules
(Eight 16-Bit or Four 32-Bit Timers, PWM Each)
– 12-Bit ADC, 200 ksamples/s, 8-Channel Analog
MUX
– Continuous Time Comparator
– Ultra-Low-Power Clocked Comparator
– Programmable Current Source
– UART
– 2× SSI (SPI, MICROWIRE, TI)
– I2C, I2S
– Real-Time Clock (RTC)
– AES-128 Security Module
– True Random Number Generator (TRNG)
– Support for Eight Capacitive Sensing Buttons
– Integrated Temperature Sensor
• External System
– On-Chip Internal DC/DC Converter
– Seamless Integration With the SimpleLink™
CC1190 Range Extender
• Low Power
– Wide Supply Voltage Range: 1.8 to 3.8 V
– RX: 5.4 mA
– TX at +10 dBm: 13.4 mA
– Active-Mode MCU 48 MHz Running Coremark:
2.5 mA (51 μA/MHz)
– Active-Mode MCU: 48.5 CoreMark/mA
– Active-Mode Sensor Controller at 24 MHz:
0.4 mA + 8.2 μA/MHz
– Sensor Controller, One Wakeup Every Second
Performing One 12-Bit ADC Sampling: 0.95 μA
– Standby: 0.7 μA (RTC Running and RAM and
CPU Retention)
– Shutdown: 185 nA (Wakeup on External Events)
• RF Section
– Excellent Receiver Sensitivity –124 dBm Using
Long-Range Mode, –110 dBm at 50 kbps
– Excellent Selectivity (±100 kHz): 56 dB
– Excellent Blocking Performance (±10 MHz):
90 dB
– Programmable Output Power up to +15 dBm
– Single-Ended or Differential RF Interface
– Suitable for Systems Targeting Compliance With
Worldwide Radio Frequency Regulations
– ETSI EN 300 220, EN 303 204 (Europe)
– FCC CFR47 Part 15 (US)
– ARIB STD-T108 (Japan)
– Wireless M-Bus (EN 13757-4) and IEEE®
802.15.4g PHY
• Tools and Development Environment
– Full-Feature and Low-Cost Development Kits
– Multiple Reference Designs for Different RF
Configurations
– Packet Sniffer PC Software
– Sensor Controller Studio
– SmartRF™ Studio
– SmartRF Flash Programmer 2
– IAR Embedded Workbench® for Arm
– Code Composer Studio™ (CCS) IDE
– CCS UniFlash

1.2 Applications
• 315-, 433-, 470-, 500-, 779-, 868-, 915-,
920-MHz ISM and SRD Systems
• Low-Power Wireless Systems
With 50-kHz to 5-MHz Channel Spacing
• Home and Building Automation
• Wireless Alarm and Security Systems
• Industrial Monitoring and Control
• Smart Grid and Automatic Meter Reading
• Wireless Healthcare Applications
• Wireless Sensor Networks
• Active RFID
• IEEE 802.15.4g, IP-Enabled Smart Objects
(6LoWPAN), Wireless M-Bus, KNX Systems,
Wi-SUN™, and Proprietary Systems
• Energy-Harvesting Applications
• Electronic Shelf Label (ESL)
• Long-Range Sensor Applications
• Heat-Cost Allocators

1.3 Description
The CC1310 device is a cost-effective, ultra-low-power, Sub-1 GHz RF device from Texas Instruments™
that is part of the SimpleLink™ microcontroller (MCU) platform. The platform consists of Wi-Fi®, Bluetooth®
low energy, Sub-1 GHz, Ethernet, Zigbee®, Thread, and host MCUs. These devices all share a common,
easy-to-use development environment with a single core software development kit (SDK) and a rich tool
set. A one-time integration of the SimpleLink platform enables users to add any combination of devices
from the portfolio into their design, allowing 100 percent code reuse when design requirements change.
For more information, visit www.ti.com/simplelink.
With very low active RF and MCU current consumption, in addition to flexible low-power modes, the
CC1310 device provides excellent battery life and allows long-range operation on small coin-cell batteries
and in energy harvesting applications.
The CC1310 is a device in the CC13xx and CC26xx family of cost-effective, ultra-low-power wireless
MCUs capable of handling Sub-1 GHz RF frequencies. The CC1310 device combines a flexible, very lowpower
RF transceiver with a powerful 48-MHz Arm® Cortex®-M3 microcontroller in a platform supporting
multiple physical layers and RF standards. A dedicated Radio Controller (Cortex®-M0) handles low-level
RF protocol commands that are stored in ROM or RAM, thus ensuring ultra-low power and flexibility. The
low-power consumption of the CC1310 device does not come at the expense of RF performance; the
CC1310 device has excellent sensitivity and robustness (selectivity and blocking) performance.
The CC1310 device is a highly integrated, true single-chip solution incorporating a complete RF system
and an on-chip DC/DC converter.
Sensors can be handled in a very low-power manner by a dedicated autonomous ultra-low-power MCU
that can be configured to handle analog and digital sensors; thus the main MCU (Arm® Cortex®-M3) can
maximize sleep time.
The power and clock management and radio systems of the CC1310 device require specific configuration
and handling by software to operate correctly, which has been implemented in the TI-RTOS. TI
recommends using this software framework for all application development on the device. The complete
TI-RTOS and device drivers are offered free of charge in source code.




Similar Part No. - CC1350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1350 TI1-CC1350 Datasheet
799Kb / 52P
SimpleLink Ultra-Low-Power Dual-Band Wireless MCU
CC1350 TI1-CC1350 Datasheet
1,003Kb / 61P
SimpleLink Ultra-Low-Power Dual-Band Wireless MCU
CC1350 TI2-CC1350 Datasheet
3Mb / 76P
CC1350 SimpleLink™ Ultra-Low-Power Dual-Band Wireless MCU
REVISED JULY 2018
CC1350 TI2-CC1350 Datasheet
2Mb / 79P
CC1312R SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
REVISED NOVEMBER 2020
CC1350F128RGZ TI1-CC1350F128RGZ Datasheet
1,003Kb / 61P
SimpleLink Ultra-Low-Power Dual-Band Wireless MCU
More results


Similar Description - CC1350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1310 TI-CC1310_15 Datasheet
662Kb / 46P
CC1310 SimpleLink Ultra-Low Power Sub-1 GHz Wireless MCU
CC1310 TI1-CC1310_16 Datasheet
1Mb / 54P
SimpleLink Ultralow Power Sub-1-GHz Wireless MCU
CC1350 TI1-CC1350 Datasheet
799Kb / 52P
SimpleLink Ultra-Low-Power Dual-Band Wireless MCU
CC1350 TI1-CC1350_16 Datasheet
1,003Kb / 61P
SimpleLink Ultra-Low-Power Dual-Band Wireless MCU
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
SimpleLink Multiprotocol 2.4-GHz Wireless MCU
CC1312R TI1-CC1312R Datasheet
550Kb / 48P
SimpleLink High-Performance Sub-1 GHz Wireless MCU
CC1311R3 TI-CC1311R3 Datasheet
2Mb / 64P
CC1311R3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
MARCH 2022
CC1312R7 TI-CC1312R7 Datasheet
3Mb / 58P
CC1312R7 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
REVISED NOVEMBER 2021
CC1311P3 TI-CC1311P3 Datasheet
3Mb / 63P
CC1311P3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC1314R10 TI-CC1314R10 Datasheet
3Mb / 78P
CC1314R10 SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com