Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54AC00 Datasheet (PDF) - Texas Instruments

CD54AC00 Datasheet PDF - Texas Instruments
Part # CD54AC00
Download  CD54AC00 Download
File Size   1218.2 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4AC00 Quadruple 2-Input Positive-nand Gates

CD54AC00 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54AC00 Datasheet PDF - Texas Instruments

Part # CD54AC00
Download  CD54AC00 Click to download

File Size   1218.2 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4AC00 Quadruple 2-Input Positive-nand Gates

CD54AC00 Datasheet (HTML) - Texas Instruments


CD54AC00 Product details

1 Features
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
voltage
• Speed of bipolar F, AS, and S, with significantly
reduced power consumption
• Balanced propagation delays
• ±24mA output drive current
– Fanout to 15 F devices
• SCR-latchup-resistant CMOS process and circuit
design
• Exceeds 2kV ESD protection per MIL-STD-883,
method 3015

2 Description
The ‘AC00 devices contain four independent 2-input
NAND gates. Each gate performs the Boolean
function of Y = A • B or Y = A + B in positive logic.




Similar Part No. - CD54AC00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD54AC00 INTERSIL-CD54AC00 Datasheet
24Kb / 4P
Quad 2-Input NAND Gate
July 1998
logo
Texas Instruments
CD54AC00 TI1-CD54AC00 Datasheet
882Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54AC00 TI2-CD54AC00 Datasheet
1Mb / 24P
CDx4AC00 Quadruple 2-Input Positive-nand Gates
REVISED JULY 2024
logo
Intersil Corporation
CD54AC00F3A INTERSIL-CD54AC00F3A Datasheet
24Kb / 4P
Quad 2-Input NAND Gate
July 1998
logo
Texas Instruments
CD54AC00F3A TI1-CD54AC00F3A Datasheet
882Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Similar Description - CD54AC00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com