Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54AC00 Datasheet (PDF) - Intersil Corporation

CD54AC00 Datasheet PDF - Intersil Corporation
Part # CD54AC00
Download  CD54AC00 Download
File Size   24.34 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad 2-Input NAND Gate

CD54AC00 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54AC00 Datasheet PDF - Intersil Corporation

Part # CD54AC00
Download  CD54AC00 Click to download

File Size   24.34 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad 2-Input NAND Gate

CD54AC00 Datasheet (HTML) - Intersil Corporation


CD54AC00 Product details

Description
The CD54AC00F3A and CD54ACT00F3A are quad 2-input NAND gates that utilize the Harris Advanced CMOS Logic technology.

Features
• This Circuit is Processed in Accordance to MIL-STD-883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1.
• Exceeds 2kV ESD Protection MIL-STD-883, Method 3015
• Meets JEDEC Standard No. 20
• SCR - Latch-Up-Resistant CMOS Process and Circuit Design
• Speed of Bipolar FAST/A/S with Significantly Reduced Power Consumption
• Functionally and Pin-Compatible with Industry 54 Bipolar Types in the FAST, AS and S Series
• Balanced Propagation Delays
• Military Operating Temperature Range
    - Ceramic (CERDIP) 54 Series: . . . . . . . . -55 to 125°C
• ±24mA Output Drive Current, Drives 75ΩLines with out Need for Terminations
• Fan Out (Over Temperature)
   - ACL Loads . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2400
   - FAST Loads. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
   - AS Loads. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
• Balanced Noise Immunity at 30% of Supply for AC Types
• Supply Voltage Range
   - AC Types . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V to 5.5V
   - ACT Types. . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V




Similar Part No. - CD54AC00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC00 TI1-CD54AC00 Datasheet
882Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54AC00 TI2-CD54AC00 Datasheet
1Mb / 24P
CDx4AC00 Quadruple 2-Input Positive-nand Gates
REVISED JULY 2024
CD54AC00 TI2-CD54AC00 Datasheet
1Mb / 24P
CDx4AC00 Quadruple 2-Input Positive-nand Gates
REVISED JULY 2024
CD54AC00F3A TI1-CD54AC00F3A Datasheet
882Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54AC00F3A TI2-CD54AC00F3A Datasheet
1Mb / 24P
CDx4AC00 Quadruple 2-Input Positive-nand Gates
REVISED JULY 2024
More results


Similar Description - CD54AC00

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
Quad 2-input NAND gate
1995 Sep 18
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
Quad 2-input NAND gate
1999 Sep 23
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
Quad 2-input NAND gate
1990 Oct 04
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
QUAD 2-INPUT NAND GATE
Apr-1997
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
QUAD 2-INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
QUAD 2 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
Quad 2-Input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC00A KODENSHI-KK74HC00A Datasheet
235Kb / 5P
Quad 2-Input NAND Gate
logo
Renesas Technology Corp
HD74AC00 RENESAS-HD74AC00 Datasheet
101Kb / 7P
Quad 2-Input NAND Gate
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com