Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54AC00 Datasheet(PDF) 4 Page - Intersil Corporation

Part # CD54AC00
Description  Quad 2-Input NAND Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD54AC00 Datasheet(HTML) 4 Page - Intersil Corporation

  CD54AC00 Datasheet HTML 1Page - Intersil Corporation CD54AC00 Datasheet HTML 2Page - Intersil Corporation CD54AC00 Datasheet HTML 3Page - Intersil Corporation CD54AC00 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-55oC TO 125oC
UNITS
MIN
TYP
MAX
AC TYPES
Propagation Delay, Input to Output
tPLH, tPHL
1.5
-
-
91
ns
3.3 (Note 9)
3.1
-
10.2
ns
5 (Note 10)
2.2
-
7.3 (Note 8)
ns
Input Capacitance
CI
--
-
10
pF
Power Dissipation Capacitance
CPD (Note 11)
-
-
45
-
pF
ACT TYPES
Propagation Delay, Input to Output
tPLH
5 (Note 10)
3.2
-
10.8 (Note 8)
ns
tPHL
4
-
13.2 (Note 8)
ns
Input Capacitance
CI
--
-
10
pF
Power Dissipation Capacitance
CPD (Note 11)
-
-
45
-
pF
NOTES:
8. Limits tested at 100%.
9. 3.3V Min at 3.6V, Max at 3V.
10. 5V Min at 5.5V, Max at 4.5V
11. CPD is used to determine the dynamic power consumption per gate.
AC: PD = VCC
2 f
i (CPD + CL)
ACT: PD = VCC
2 f
i (CPD + CL) + VCC ∆ICC where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
Burn-In Test Circuit Connections (Use DC II for F3A Burn-In and AC for Life Test)
DC
DC BURN-IN I
DC BURN-IN II
OPEN
GROUND
VCC (6V)
OPEN
GROUND
VCC (6V)
CD54AC/ACT00
3, 6, 8, 11
1, 2, 4, 5, 7, 9, 10,
12, 13
14
3, 6, 8, 11
7
1, 2, 4, 5, 9, 10,
12 - 14
AC
OPEN
GROUND
1/2 VCC (3V)
VCC (6V)
OSCILLATOR
50kHz
25kHz
CD54AC/ACT00
-
7
3, 6, 8, 11
14
1, 2, 4, 5, 9, 10,
12, 13
-
NOTE: Each pin except VCC and Gnd will have a resistor of 2kΩ-47kΩ.
DUT
OUTPUT
RL (NOTE)
OUTPUT
LOAD
500
Ω
CL
50pF
NOTE: For AC Series Only: When VCC = 1.5V, RL = 1kΩ.
FIGURE 1. PROPAGATION DELAY TIMES
CD54AC
CD54ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
FIGURE 2. WAVEFORMS
tr = 3ns
tf = 3ns
90%
VS
10%
GND
INPUT
tPHL
tPLH
VS
LEVEL
VI
VO
CD54AC00F3A, CD54ACT00F3A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com