Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54AC00 Datasheet(PDF) 3 Page - Intersil Corporation

Part # CD54AC00
Description  Quad 2-Input NAND Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD54AC00 Datasheet(HTML) 3 Page - Intersil Corporation

  CD54AC00 Datasheet HTML 1Page - Intersil Corporation CD54AC00 Datasheet HTML 2Page - Intersil Corporation CD54AC00 Datasheet HTML 3Page - Intersil Corporation CD54AC00 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Low Level Output Voltage
VOL
VIH or VIL
0.05
1.5
-
0.1
-
0.1
V
0.05
3
-
0.1
-
0.1
V
0.05
4.5
-
0.1
-
0.1
V
12
3
-
0.36
-
0.5
V
24
4.5
-
0.36
(Note 5)
-
0.5
(Note 5)
V
50
(Note 6, 7)
5.5
-
-
-
1.65
V
Input Leakage Current
II
VCC or
GND
-
5.5
-
±0.1
(Note 5)
-
±1
(Note 5)
µA
Quiescent Device Current
ICC
0
5.5
-
4
(Note 5)
-80
(Note 5)
µA
ACT TYPES
High Level Input Voltage
VIH
-
-
4.5 to 5.5
2
(Note 5)
-2
(Note 5)
-V
Low Level Input Voltage
VIL
-
-
4.5 to 5.5
-
0.8
(Note 5)
-
0.8
(Note 5)
V
High Level Output Voltage
VOH
VIH or VIL
-0.05
4.5
4.4
-
4.4
-
V
-24
4.5
3.94
(Note 5)
-
3.7
(Note 5)
-V
-50
(Note 6, 7)
5.5
-
-
3.85
-
V
Low Level Output Voltage
VOL
VIH or VIL
0.05
4.5
-
0.1
-
0.1
V
24
4.5
-
0.36
(Note 5)
-
0.5
(Note 5)
V
50
(Note 6, 7)
5.5
-
-
-
1.65
V
Input Leakage Current
II
VCC or
GND
-
5.5
-
±0.1
(Note 5)
-
±1
(Note 5)
µA
Quiescent Device Current
ICC
VCC or
GND
0
5.5
-
4
(Note 5)
-80
(Note 5)
µA
Additional Supply Current per
Input Pin TTL Inputs High
1 Unit Load
∆ICC
VCC
-2.1
-
4.5 to 5.5
-
2.4
-
3
mA
NOTES:
5. Tested at 100%.
6. Test one output at a time for a 1-second maximum duration. Measurement is made by forcing current and measuring voltage to minimize
power dissipation.
7. Test verifies a minimum transmission-line-drive capability of 75
Ω for 54AC/ACT Series.
ACT Input Load Table
INPUT
UNIT LOAD
All
0.15
NOTE: Unit load is
∆ICC limit specified in DC Electrical Specifications
Table, e.g., 2.4mA max at 25oC.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
CD54AC00F3A, CD54ACT00F3A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com