Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBR53-LE Datasheet (PDF) - FCL COMPONENTS LIMITED

FBR53-LE Datasheet PDF - FCL COMPONENTS LIMITED
Part # FBR53-LE
Download  FBR53-LE Download
File Size   301.1 Kbytes
Page   6 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description AUTOMOTIVE RELAY 1 POLE - 40A

FBR53-LE Datasheet (PDF)

Go To PDF Page Download Datasheet
FBR53-LE Datasheet PDF - FCL COMPONENTS LIMITED

Part # FBR53-LE
Download  FBR53-LE Click to download

File Size   301.1 Kbytes
Page   6 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description AUTOMOTIVE RELAY 1 POLE - 40A

FBR53-LE Datasheet (HTML) - FCL COMPONENTS LIMITED


FBR53-LE Product details

FEATURES
APPLICATIONS
• The world smallest class* ultra compact high power 40A relay
• Maximum inrush current 200A
• Maximum carrying current 54A (at 20°C, 1 hour)
• High temperature grade (-40°C to +125°C)
• Low coil power approx. 0.64W
• This relay is able to replace the Mini ISO relay
• Refl ow capable (through hole refl ow) type available
• Plastic sealed
Electric power steering, blower fan motor control, starter
Per internal investigation (December 2023)




Similar Part No. - FBR53-LE

ManufacturerPart #DatasheetDescription
logo
FCL COMPONENTS LIMITED
FBR53-HC FCL-FBR53-HC Datasheet
858Kb / 5P
AUTOMOTIVE RELA 1 POLE –50A
logo
fujitsu semiconductor
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
logo
FCL COMPONENTS LIMITED
FBR53-HW FCL-FBR53-HW Datasheet
1Mb / 7P
COMPACT HIGH POWER RELAY 1 POLE - 40A
More results


Similar Description - FBR53-LE

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1 Datasheet
801Kb / 6P
Compact Power Relay 1 Pole-25A for Automotive Applications
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FTR-P5 FUJITSU-FTR-P5 Datasheet
672Kb / 8P
SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P5 FUJITSU-FTR-P5_08 Datasheet
605Kb / 8P
SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
FRL274ND012-01CD-A FUJITSU-FRL274ND012-01CD-A Datasheet
59Kb / 6P
HIGH POWER RELAY 1 POLE??0 A (FOR AUTOMOTIVE APPLICATIONS)
logo
TE Connectivity Ltd
T9V TEC-T9V Datasheet
241Kb / 2P
1 pole 40A, 1 form A (NO) contact
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com