Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB97R8110 Datasheet (PDF) - RAMXEED LIMITED

MB97R8110 Datasheet PDF - RAMXEED LIMITED
Part # MB97R8110
Download  MB97R8110 Download
File Size   1986.83 Kbytes
Page   63 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description FeRAM Embedded UHF Band RFID LSI

MB97R8110 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB97R8110 Datasheet PDF - RAMXEED LIMITED

Part # MB97R8110
Download  MB97R8110 Click to download

File Size   1986.83 Kbytes
Page   63 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description FeRAM Embedded UHF Band RFID LSI

MB97R8110 Datasheet (HTML) - RAMXEED LIMITED


MB97R8110 Product details

 1.1 FEATURES
• Compliant with EPCglobal Class 1 Generation 2 (C1G2)
-Carrier frequency: 860 to 960 MHz
-Data rate
R/W → Tag: 26.7 kbps to 128 kbps (assuming equiprobable data)
Tag → R/W: 40 kbps to 640 kbps
• RF Generated Power supply to external devices (3.0V 600uA output from +8dBm RF input)
• Serial Interface (SPI)
-Slave mode operation : USER memory area can be read/written through SPI.
-Master mode operation : External SPI slave device can be controlled through SPI.
-Arbitration feature between RF and SPI access controlled by SPIREQ and SPIACK.
• Key Matrix Scan Interface
• FeRAM: Non-volatile memory with High speed read and write
-USER bank size: 61,440 bits*
-EPC length: up to 480bits
-BlockPermalock: 8 Areas of USER bank to be write-protected in units of 512 words (=8,192bits).
-Read/Write Endurance: 1013 times.
-Memory data retention: 10 years (+85 ºC)
*In SPI Master communication, 28,672bits of memory can be allocated for the buffer of data to be
transferred to external slave device and the storage of response data from external SPI slave device.




Similar Part No. - MB97R8110

ManufacturerPart #DatasheetDescription
logo
RAMXEED LIMITED
MB97R8050 RAMXEED-MB97R8050 Datasheet
1Mb / 13P
ISO/IEC 18000-6 Type-C Compliant FeRAM Embedded UHF Band RFID LSI
MB97R8050-DIAP15 RAMXEED-MB97R8050-DIAP15 Datasheet
1Mb / 13P
ISO/IEC 18000-6 Type-C Compliant FeRAM Embedded UHF Band RFID LSI
More results


Similar Description - MB97R8110

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
ISO15693 FUJITSU-ISO15693 Datasheet
456Kb / 45P
High-speed RFID LSI FerVID family
logo
EM Microelectronic - MA...
EM4122 EMMICRO-EM4122 Datasheet
52Kb / 1P
Read-only UHF RFID IC
logo
WJ Communication. Inc.
WJR7000 WJCI-WJR7000 Datasheet
224Kb / 4P
UHF RFID reader module
logo
fujitsu semiconductor
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
logo
List of Unclassifed Man...
TRW-RFIDSA6UR ETC2-TRW-RFIDSA6UR Datasheet
344Kb / 3P
UHF RFID Module
TRW-RFIDSACUSB ETC2-TRW-RFIDSACUSB Datasheet
344Kb / 3P
UHF RFID Module
logo
SparkFun Electronics
SPX-15113 SPARKFUN-SPX-15113 Datasheet
2Mb / 4P
UHF RFID Ring Antenna
1??1??9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com