Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB97R8050 Datasheet (PDF) - RAMXEED LIMITED

MB97R8050 Datasheet PDF - RAMXEED LIMITED
Part # MB97R8050
Download  MB97R8050 Download
File Size   1721.68 Kbytes
Page   13 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description ISO/IEC 18000-6 Type-C Compliant FeRAM Embedded UHF Band RFID LSI

MB97R8050 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB97R8050 Datasheet PDF - RAMXEED LIMITED

Part # MB97R8050
Download  MB97R8050 Click to download

File Size   1721.68 Kbytes
Page   13 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description ISO/IEC 18000-6 Type-C Compliant FeRAM Embedded UHF Band RFID LSI

MB97R8050 Datasheet (HTML) - RAMXEED LIMITED


MB97R8050 Product details

FEATURE
Compliant with EPCglobal Class 1 Generation 2 (C1G2) Ver.1.2.0
- Compliant with all UHF bands all over the world
(carrier frequency: 860 MHz to 960 MHz)
- High-speed data transmission (compliant with EPCglobal C1G2)
R/W  Tag: 26.7 kbps to 128 kbps (when the counts of data 0 and 1are equal)
Tag  R/W: 40 kbps to 640 kbps
- DSB-ASK, SSB-ASK, PR-ASK modulation (compliant with EPCglobal C1G2)
- Anti-collision function
- Frequency hopping
FeRAM : High speed read/write Non-volatile memory
- Read/Write endurance: 1010 times
- Memory data retention: 10years (  55 C)




Similar Part No. - MB97R8050

ManufacturerPart #DatasheetDescription
logo
RAMXEED LIMITED
MB97R8110 RAMXEED-MB97R8110 Datasheet
1Mb / 63P
FeRAM Embedded UHF Band RFID LSI
MB97R8110-WF RAMXEED-MB97R8110-WF Datasheet
1Mb / 63P
FeRAM Embedded UHF Band RFID LSI
More results


Similar Description - MB97R8050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM4223 ETC1-EM4223 Datasheet
84Kb / 1P
Read-only UHF Radio Frequency Identification Device according to ISO IEC 18000-6
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
fujitsu semiconductor
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
ISO/IEC 14443A RFID TAG IC
logo
Omron Electronics LLC
V680 OMRON-V680 Datasheet
16Mb / 59P
RFID Systems with ISO/IEC 18000-3(15693) Compliance
logo
List of Unclassifed Man...
EM4325 ETC1-EM4325 Datasheet
1Mb / 67P
18000-63 Type C (Gen2) and 18000-63 Type C / 18000-64 Type D (Gen2/TOTAL) RFID IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com