Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB97R8050 Datasheet(PDF) 9 Page - RAMXEED LIMITED

Part # MB97R8050
Description  ISO/IEC 18000-6 Type-C Compliant FeRAM Embedded UHF Band RFID LSI
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB97R8050 Datasheet(HTML) 9 Page - RAMXEED LIMITED

Back Button MB97R8050 Datasheet HTML 5Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 6Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 7Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 8Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 9Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 10Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 11Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 12Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 13Page - RAMXEED LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MB97R8050
DS411-00005-4v0-E
9
3. RF Communication Characteristics
Parameter
Symbol
Value
Unit
Conditionas/Remarks
Min Typ Max
Minimum operating power
PMIN
12
dBm
Measured by Query Command
Tari = 25 s, BLF = 41kbps, FM0,
DSB-ASK, Modulation depth=90%,
Ta = 25 C
Maximum operating power
PMAX
20
dBm
Equivalent input capacitance
CP
0.66
pF
Input power = -12 dBm,
parallel model (At 920 MHz)
Equivalent input resistance
RP
2.7
K
Input power = -12 dBm,
parallel model (At 920 MHz)
Receiving bit rate
F_fwd
26.7
128
kbps PIE code: mark rate = 1/2
Returning bit rate
F_rtrn
40
640
kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com