Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB97R8050 Datasheet(PDF) 3 Page - RAMXEED LIMITED

Part # MB97R8050
Description  ISO/IEC 18000-6 Type-C Compliant FeRAM Embedded UHF Band RFID LSI
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB97R8050 Datasheet(HTML) 3 Page - RAMXEED LIMITED

  MB97R8050 Datasheet HTML 1Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 2Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 3Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 4Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 5Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 6Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 7Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 8Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MB97R8050
DS411-00005-4v0-E
3
• Memory map
(2) TID
This LSI contains 176-bit XTID format data in compliance with EPC Tag Data Standard 1.6 (abbreviated as
TDS 1.6 in the following).
XTID consists of the following items. The 8-bit data (00H to 07H) indicates Identifier of EPC with the fixed
value of ”E2H”.
• TAG MDID (08H to 13H)
The 12-bit data indicates IC manufacture code with fixed value of ”810H”.
• TAG MODEL NUMBER (14H to 1FH)
The unique 12-bit serial number is assigned by Fujitsu Semiconductor.
The first 8-bit data of TAG MODEL NUMBER [11:4] indicates LSI code with fixed value of “07H”.
The bottom 4-bit data of TAG MODEL NUMBER [3:0] indicates LSI version.
• XTID Header Segment (20H to 2FH)
The 16-bit data indicates XTID’s support status with fixed value of “3800H”.
• Serial Number Segment (30H to 5FH)
The unique 48-bit serial number is assigned by Fujitsu Semiconductor.
Memory
Bank
Name
Memory
Bank
Number
Memory
Bank Bit
Address
Memory
Bank Word
Address
Data Description
Size
(word)
Total
(word)
Total
(bit)
TID
10
A0HAFH
0AH
BlockWrite and BlockErase Segment [15:0]
1
11
176
90H9FH
09H
BlockWrite and BlockErase Segment [31:16]
1
80H8FH
08H
BlockWrite and BlockErase Segment [47:32]
1
70H7FH
07H
BlockWrite and BlockErase Segment [63:48]
1
60H6FH
06H
Optional Command Support Segment [15:0]
1
50H5FH
05H
Serial Number Segment [15:0]
1
40H4FH
04H
Serial Number Segment [31:16]
1
30H3FH
03H
Serial Number Segment [47:32]
1
20H2FH
02H
XTID Header Segment [15:0]
1
10H1FH
01H
TAG MDID[3:0], TAG MODEL NUMBER[11:0]
1
00H0FH
00H
E2H, TAG MDID[11:4]
1
EPC
01
90H9FH
09H
EPC[15:0]
1
10
160
80H8FH
08H
EPC[32:16]
1
70H7FH
07H
EPC[47:32]
1
60H6FH
06H
EPC[63:48]
1
50H5FH
05H
EPC[79:64]
1
40H4FH
04H
EPC[95:80]
1
30H3FH
03H
EPC[111:96]
1
20H2FH
02H
EPC[127:112]
1
10H1FH
01H
StoredPC[15:0]
1
00H0FH
00H
StoredCRC16[15:0]
1
RESERVED
00
30H3FH
03H
ACCESS-Password[15:0]
1
4
64
20H2FH
02H
ACCESS-Password[31:16]
1
10H1FH
01H
KILL-Password[15:0]
1
00H0FH
00H
KILL-Password[31:16]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com