Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB97R8050 Datasheet(PDF) 1 Page - RAMXEED LIMITED

Part # MB97R8050
Description  ISO/IEC 18000-6 Type-C Compliant FeRAM Embedded UHF Band RFID LSI
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB97R8050 Datasheet(HTML) 1 Page - RAMXEED LIMITED

  MB97R8050 Datasheet HTML 1Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 2Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 3Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 4Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 5Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 6Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 7Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 8Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Copyright 2024 RAMXEED LIMITED
Fujitsu Semiconductor Memory Solutions Limited has changed its name to RAMXEED Limited.
RAMXEED Limited will continue to offer and support existing products while maintaining Fujitsu's
part number unchanged.
ASSP
ISO/IEC 18000-6 Type-C Compliant
FeRAM Embedded UHF Band RFID LSI
MB97R8050
OVERVIEW
This specification defines physical and logical requirements for the passive RFID Tag LSI “MB97R8050”
based on international standard “EPCglobal Class 1 Generation 2 (Ver.1.2.0).
In this document, the term “interrogator” used in the EPCglobal standard is changed to R/W (reader/writer)
in accordance with customary practice. The term “Tag” is used as it is.
FEATURE
• Compliant with EPCglobal Class 1 Generation 2 (C1G2) Ver.1.2.0
- Compliant with all UHF bands all over the world
(carrier frequency: 860 MHz to 960 MHz)
- High-speed data transmission (compliant with EPCglobal C1G2)
R/W  Tag: 26.7 kbps to 128 kbps (when the counts of data 0 and 1are equal)
Tag  R/W: 40 kbps to 640 kbps
- DSB-ASK, SSB-ASK, PR-ASK modulation (compliant with EPCglobal C1G2)
- Anti-collision function
- Frequency hopping
• FeRAM : High speed read/write Non-volatile memory
- Read/Write endurance: 1010 times
- Memory data retention: 10years (  55 C)
DS411-00005-4v0-E


Similar Part No. - MB97R8050

ManufacturerPart #DatasheetDescription
logo
RAMXEED LIMITED
MB97R8110 RAMXEED-MB97R8110 Datasheet
1Mb / 63P
FeRAM Embedded UHF Band RFID LSI
MB97R8110-WF RAMXEED-MB97R8110-WF Datasheet
1Mb / 63P
FeRAM Embedded UHF Band RFID LSI
More results

Similar Description - MB97R8050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM4223 ETC1-EM4223 Datasheet
84Kb / 1P
Read-only UHF Radio Frequency Identification Device according to ISO IEC 18000-6
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
fujitsu semiconductor
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
ISO/IEC 14443A RFID TAG IC
logo
Omron Electronics LLC
V680 OMRON-V680 Datasheet
16Mb / 59P
RFID Systems with ISO/IEC 18000-3(15693) Compliance
logo
List of Unclassifed Man...
EM4325 ETC1-EM4325 Datasheet
1Mb / 67P
18000-63 Type C (Gen2) and 18000-63 Type C / 18000-64 Type D (Gen2/TOTAL) RFID IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com