Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB97R8050 Datasheet(PDF) 8 Page - RAMXEED LIMITED

Part # MB97R8050
Description  ISO/IEC 18000-6 Type-C Compliant FeRAM Embedded UHF Band RFID LSI
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB97R8050 Datasheet(HTML) 8 Page - RAMXEED LIMITED

Back Button MB97R8050 Datasheet HTML 4Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 5Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 6Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 7Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 8Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 9Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 10Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 11Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 12Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MB97R8050
8
DS411-00005-4v0-E
ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Rating
* ESD measurement condition: The die chip has been mounted into a QFN40 package.
WARNING: Semiconductor devices may be permanently damaged by application of stress (including, without
limitation, voltage, current or temperature) in excess of absolute maximum ratings.
Do not exceed any of these ratings.
2. Recommended Operation Conditions
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated under these conditions.
Any use of semiconductor devices will be under their recommended operating condition.
Operation under any conditions other than these conditions may adversely affect reliability of
device and could result in device failure.
No warranty is made with respect to any use, operating conditions or combinations not represented
on this data sheet. If you are considering application under any conditions other than listed herein,
please contact sales representatives beforehand.
Parameter
Symbol
Rating
Unit
Remarks
Min
Typ
Max
Maximum input voltage
VMAX
3.0
V
Between PWRP-PWRM
ESD voltage immunity*
VESD
2
2
kV
Human Body Model
100
100
V
Machine Model
750
750
V
Charged Device Model
Storage temperature
TSTG
40
85
C Excluding FeRAM data
retention guarantee
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Operation ambient tem-
perature
Ta
-40
+55
C
Retention guarantee
temperature
Trtn1
-40
+55
C
Retention
guarantee period: 10years
Antenna input
frequency
Fclk
860
960
MHz According to the Radio Law
Reception modulation
depth
(A-B)/A
80
90
100
%
Data 0 symbol duration
Tari
6.25
25
s
Receiving waveform
rise time
Tr
1
500
s
Receiving waveform
settling time
Ts
1500
s
Receiving waveform
fall time
Tf
1
500
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com