Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB97R8050 Datasheet(PDF) 2 Page - RAMXEED LIMITED

Part # MB97R8050
Description  ISO/IEC 18000-6 Type-C Compliant FeRAM Embedded UHF Band RFID LSI
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB97R8050 Datasheet(HTML) 2 Page - RAMXEED LIMITED

  MB97R8050 Datasheet HTML 1Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 2Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 3Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 4Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 5Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 6Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 7Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 8Page - RAMXEED LIMITED MB97R8050 Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MB97R8050
2
DS411-00005-4v0-E
BLOCK DIAGRAM
RF INTERFACE
RF signal interface is compliant with EPCglobal C1G2 Ver.1.2.0 (as described in 6.3.1).
MEMORY
1. Memory addressing
Memory addressing uses Extensible bit vectors (EBV) format, which is compliant with EPCglobal C1G2
Ver1.2.0 (Annex A).
2. Memory Map
(1) Memory area
The memory is divided into the following four areas. There is only 48-bit FeRAM in TID area.
• Four memory areas
Note : Command abbreviation:
R:READ, W: WRITE, S: SELECT, L: Lock, BLW: BlockWrite, BLE: BlockErase
The TID, EPC, and Reserved memory areas contain the data that is defined by the EPCglobal C1G2
specification (Chapter 6.3.2.1). The memory areas are also called as “Memory bank” or “Bank” in EPC
standard.
In each memory bank, the logical address starts from zero (00H).
Logical addressing in EBV-8 format is used.
The system area stores memory lock information.
The memory map is shown in the table on next page. (The system area is not disclosed).
Name
Memory size
BANK
Address range
Access command
TID
11w
16b 
176bit
10
00H to 0AH
R/S
EPC
10w
16b 
160bit
01
00H to 09H
R/W/S/BLW/BLE
Reserved
4w
16b 
64bit
00
00H to 03H
R/W
System
1w
16b 
16bit
L
VDD
R/W
FeRAM
Analog RF interface
Digital control
Rectifier
Clock generator
Power supply
voltage control
Modulator
Demodulator
Anti-collision
function
I/O
Commands
FeRAM access
Clock
Data output
Data input
Data output
Data input
Antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com