Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89R119B2-DIAP15-JNP1 Datasheet (PDF) - RAMXEED LIMITED

MB89R119B2-DIAP15-JNP1 Datasheet PDF - RAMXEED LIMITED
Part # MB89R119B2-DIAP15-JNP1
Download  MB89R119B2-DIAP15-JNP1 Download
File Size   1982.12 Kbytes
Page   46 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description FeRAM Embedded High-speed RFID LSI

MB89R119B2-DIAP15-JNP1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89R119B2-DIAP15-JNP1 Datasheet PDF - RAMXEED LIMITED

Part # MB89R119B2-DIAP15-JNP1
Download  MB89R119B2-DIAP15-JNP1 Click to download

File Size   1982.12 Kbytes
Page   46 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description FeRAM Embedded High-speed RFID LSI

MB89R119B2-DIAP15-JNP1 Datasheet (HTML) - RAMXEED LIMITED


MB89R119B2-DIAP15-JNP1 Product details

DESCRIPTION
The MB89R119B is a vicinity type of RFID LSI device embedded with 256 bytes FeRAM, which enables fast
and frequent write operation.
FEATURES
• 256 bytes FeRAM memory (232 bytes of user area)
• 4-byte/block configuration, 64 blocks
• High-speed data transmission at 26.48 kbps
• Fast command supported (data transmission at 52.97 kbps) (MB89R119B  Reader/Writer)
• Carrier frequency at 13.56 MHz
• Anti-collision function : 40 tags per second (when using ASK 100)
• Read/Write endurance : 1012 times
• Data retention : 10 years (  85 C), 30 years (+70 C)
• 64-bit UID
• FeRAM memory data protection
• Electronic article surveillance (EAS) command
• Kill command (to disable communication eternally)
• Transmission protocol based on ISO/IEC 15693, ISO/IEC 18000-3 (Mode 1) (*)
Refer to “ USAGE NOTES”.




Similar Part No. - MB89R119B2-DIAP15-JNP1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
More results


Similar Description - MB89R119B2-DIAP15-JNP1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN86063 PANASONIC-MN86063 Datasheet
62Kb / 10P
High-Speed CODEC LSI for Facsimile Images
logo
fujitsu semiconductor
ISO15693 FUJITSU-ISO15693 Datasheet
456Kb / 45P
High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
logo
Freescale Semiconductor...
33902 FREESCALE-33902 Datasheet
651Kb / 31P
High Speed CAN Interface with Embedded 5.0 V Supply
logo
fujitsu semiconductor
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
logo
SICK AG
RFH620-1000001 SICK-RFH620-1000001 Datasheet
936Kb / 6P
RFID
2017-05-12
RFU620-10501 SICK-RFU620-10501 Datasheet
1Mb / 7P
RFID
2017-05-12
RFU630-13105 SICK-RFU630-13105 Datasheet
1Mb / 8P
RFID
2017-05-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com