Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33902 Datasheet (PDF) - Freescale Semiconductor, Inc

33902 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33902
Download  33902 Download
File Size   651.78 Kbytes
Page   31 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description High Speed CAN Interface with Embedded 5.0 V Supply

33902 Datasheet (PDF)

Go To PDF Page Download Datasheet
33902 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33902
Download  33902 Click to download

File Size   651.78 Kbytes
Page   31 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description High Speed CAN Interface with Embedded 5.0 V Supply

33902 Datasheet (HTML) - Freescale Semiconductor, Inc


33902 Product details

High Speed CAN Interface with Embedded 5.0 V Supply

The MC33902 is a high speed CAN physical interface. The device includes an internal 5.0 V supply for the CAN bus transceiver, and requires only a connection to a battery line.
The MC33902 provides 4 operation modes, including low power modes with remote and local wake-up.
The device has very low sleep and standby current consumption.

Features
• High speed CAN interface for baud rates of 40 kb/s to 1.0 Mb/s
• Compatible to ISO11898 standard
• Single supply from battery. No need for a 5.0 V supply for CAN interface
• I/O compatible from 2.75 V to 5.5 V via a dedicated input terminal (3.3 V or 5.0 V logic compatible)
• Low Power mode with remote CAN wake-up and local wake-up recognition and reporting
• CAN bus failure diagnostics and TXD/RXD pin monitoring, cold start detection, wake-up sources reported through the ERR pin
• Enhanced diagnostics for bus, TXD, RXD and supply pins available through Pseudo SPI via existing terminals EN, STBY and ERR.
• Split terminal for bus recessive level stabilization
• INH output to control external voltage regulator
• Pb-free packaging designated by suffix code EF




Similar Part No. - 33902

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3390 ALLEGRO-3390 Datasheet
261Kb / 3P
OPTOELECTRONIC SWITCH - TWILIGHT SENSOR
logo
ASM GmbH
3390 ASM-SENSOR-3390 Datasheet
3Mb / 16P
POWER ANALYZER
logo
List of Unclassifed Man...
3390 ETC-3390 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3390 HEYCO-3390 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Comus International
3390 COMUS-3390 Datasheet
421Kb / 2P
High Voltage Reed Relays
More results


Similar Description - 33902

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
SBC Gen2 with CAN High Speed and LIN Interface
logo
ams AG
AS8650 AMSCO-AS8650 Datasheet
1Mb / 46P
High-efficient Power Management Device with High-speed CAN Interface
logo
Freescale Semiconductor...
33903 FREESCALE-33903 Datasheet
2Mb / 104P
SBC Gen2 with CAN High Speed and LIN Interface
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
SBC Gen2 with CAN High Speed and LIN Interface
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
SBC Gen2 with CAN High Speed and LIN Interface
logo
ams AG
AS8650B AMSCO-AS8650B Datasheet
589Kb / 47P
High-efficient Power Management Device with High-speed CAN Interface
logo
NXP Semiconductors
33903 NXP-33903 Datasheet
2Mb / 107P
SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com